Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 36 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 36 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 35Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 36Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 37Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 38Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 39Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 40Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
183
Chip Common Mode Choke Coil
PL p
Minimum Quantity and Dimensions of 24mm Width Embossed Tape
Part Number
Cavity Size (mm)
Minimum Qty. (pcs.)
PLT10H
Direction of Feed
Dimension of the cavity is measured at the bottom side.
ø178mm Reel
d
c
b
a
ø330mm Reel
Bulk
13.5
6.5
9.4
0.5
125
50
500
(in mm)
Packaging
12.0
±0.1
4.0
±0.1
2.0
±0.1
ø1.5
+0.1
–0
b
c
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com