Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 29 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 29 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
176
1. Standard Land Pattern Dimensions
Soldering and Mounting
Chip Common Mode Choke Coil
DLp
DLM11G
DLM2HG
DLP0NS
DLP11S
DLP11T
DLP1ND
DLP2AD
DLP31S
DLP31D
DLW21S
DLW21H
DLW31SN
DLW5AH
DLW5B
oReflow and Flow
oReflow Soldering
DLP31S
DLP31D
DLW5AH/5B
∗1: If the pattern is made with wider than 1.2mm (DLW21) /
1.6mm (DLW31S) it may result in components turning
around, because melting speed is different. In the worst
case, short circuit between lines may occur.
∗2: If the pattern is made with less than 0.4mm, in the worst
case, short circuit between lines may occur due to spread
of soldering paste or mount placing accuracy.
∗3: If the pattern is made with wider than 0.8mm (DLW21) /
1.6mm (DLW31SN), the bending strength will be reduced.
Do not use gild pattern; excess soldering heat may dissolve
metal of a copper wire.
1.0 0.6 1.0
2.8
0.8 Pitch
0.4
DLM2HG
1.0
4.0
Land Pattern
Land Pattern
+ Solder Resist
Solder Resist
(in mm)
DLW21S/H
DLW31SN
0.8
1.6
0.4
0.4
Series
a
1.2
1.6
d
2.6
3.7
bc
DLP11S
DLP11T
DLM11G
0.5
1.5
DLP2AD
1.75
0.25
0.5
DLW21S/21H/31SN
a
∗3
b
DLP0NS
0.90
0.30
0.9
2.9
5.5
DLP1ND
1.4
0.2
0.4
0.55
0.55
1.95
1.55
o PCB Warping
PCB should be designed so that products are not
subjected to the mechanical stress caused by warping
the board.
Poor example
Products should be located in the sideways direction
(Length: a<b) to the mechanical stress.
Good example
a
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com