Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 30 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 30 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 33Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 34Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
177
2. Solder Paste Printing and Adhesive Application
(in mm)
When reflow soldering the chip common mode choke
coils, the printing must be conducted in accordance with
the following cream solder printing conditions.
If too much solder is applied, the chip will be prone to
damage by mechanical and thermal stress from the PCB
and may crack.
Standard land dimensions should be used for resist and
copper foil patterns.
When flow soldering the chip common mode choke coils,
apply the adhesive in accordance with the following
conditions.
If too much adhesive is applied, then it may overflow into
the land or termination areas and yield poor solderability.
In contrast, if insufficient adhesive is applied, or if the
adhesive is not sufficiently hardened, then the chip may
become detached during flow soldering process.
DLP
DLW
DLM
oGuideline of solder paste thickness:
100-150
µm: DLW21S/21H/31S,
DLP0NS/11S/11T/1ND/2AD/DLM11G
150-200
µm: DLP31D/31S, DLM2HG,
DLW5AH/5BS/5BT
*Solderability is subject to reflow conditions and
thermal conductivity. Please make sure that your
product has been evaluated in view of your
specifications with our product being mounted to your
product.
DLP31S/DLM2HG/DLP31D
Apply 0.3mg of bonding agent at each chip.
Series
Solder Paste Printing
Adhesive Application
DLP31S
DLP31D
Coating Position of
Bonding Agent
Coating Position of
Bonding Agent
DLM2HG
Coating Position of
Bonding Agent
ab
a
DLW21S/21H/31S
DLP0NS/11S/11T/31S/DLM11G
a
b
DLW5AH/5BS/5BT
5.5
2.9
0.9
DLP2AD/31D
d
c
DLM2HG
1.0
4.0
DLP0NS
DLP11S
DLP11T
DLP31S
DLM11G
0.3
0.7
0.5
1.0
0.5
0.3
0.3
0.3
0.7
0.4
Series
a
0.5
0.55
0.55
2.1
0.7
d
0.3
0.55
0.55
0.6
0.5
bc
DLW21S/H
DLW31S
0.8
1.6
0.5
0.4
Series
a
1.2
1.6
d
2.6
3.7
bc
DLP1ND
DLP2AD
DLP31D
0.3
0.55
1.0
0.2
0.25
0.4
Series
a
0.4
0.5
0.8
d
0.3
0.4
0.8
bc
DLp Chip Common Mode Choke Coil
Soldering and Mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com