Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 12 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 12 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
159
3 line audio common mode choke coil.
DLM2HGSeries (1008 Size)
DLM Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLM2HG
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
B
Bulk(Bag)
1000
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current
Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLM2HGN601SZ3p
600ohm
±25%
100mA
16Vdc
100M ohm
100Vdc
0.40ohm max.
Operating Temperature Range: -55
°C to +85°C Number of Circuit: 1
2.0
±0.2
0.4
±0.2
0.8
±0.1
(1)
(3)
(5)
(2)
(4)
(6)
(in mm)
: Electrode
Frequency (MHz)
10000
1000
100
10
1
1
10
100
1000
10000
Differential Mode
DLM2HGN601SZ3
Common Mode
DLM2HGN601SZ3
No polarity.
(5)
(3)
(1)
(6)
(4)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com