Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 17 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 17 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
164
1206 size film type chip common mode choke coil.
DLP31SSeries (1206 Size)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
s Dimensions
s Equivalent Circuit
s Packaging
s Impedance-Frequency Characteristics (Main Items)
s Rated Value (p: packaging code)
Refer to pages from p.176 to p.179 for mounting information.
DLP31S
Code
Packaging
Minimum
Quantity
L
180mm Reel Embossed Tape
3000
B
Bulk(Bag)
500
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage DC Resistance
DLP31SN121ML2p
120ohm
±20%
100mA
16Vdc
100M ohm
40Vdc
2.0ohm max.
DLP31SN221ML2p
220ohm
±20%
100mA
16Vdc
100M ohm
40Vdc
2.5ohm max.
DLP31SN551ML2p
550ohm
±20%
100mA
16Vdc
100M ohm
40Vdc
3.6ohm max.
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
3.2
±0.15
(2.1)
1.6
±0.15
0.3
±0.2
(1)
(3)
(2)
(4)
0.7
±0.2
(in mm)
: Electrode
Frequency (MHz)
10
100
1000
10000
100
10
1
1000
1
DLP31SN551ML2
DLP31SN221ML2
DLP31SN121ML2
DLP31SN551ML2
DLP31SN221ML2
DLP31SN121ML2
Common mode
Differential mode
(1)
(4)
(2)
(3)
No polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com