Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 28 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 28 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 28Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 29Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 30Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 31Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 32Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
175
Chip Common Mode Choke Coil
!Caution/Notice
1. Do not use products beyond the rated current and
rated voltage as this may create excessive heat and
deteriorate the insulation resistance.
2. Be sure to provide an appropriate fail-safe function on
your product to prevent a second damage that may be
caused by the abnormal function or the failure our
product.
2. Mounting Direction
Mount Chip Common Mode Choke Coils in right
direction. Wrong direction, which is 90 degrees
rotated from right direction, causes not only open or
short circuit but also flames or other serious trouble.
q Notice (Soldering and Mounting)
q Handling
<Operating Environment>
Do not use products in a chemical atmosphere such as
chlorine gas, acid or sulfide gas.
Do not use products in the environment close to the
organic solvent.
<Storage and Handling Requirements>
1. Storage Period
PLT10H series should be used within 12 months.
Solderability should be checked if this period is
exceeded.
2. Storage Conditions
(1) Storage temperature: -10 to +40˚C
Relative humidity: 15 to 85%
Avoid sudden changes in temperature and humidity.
(2) Do not store products in a chemical atmosphere
such as chlorine gas, acid or sulfide gas.
1. Cleaning
Failure and degradation of a product are caused by
the cleaning method. When you clean in conditions
that are not in mounting information, please contact
Murata engineering.
2. Soldering
Reliability decreases with improper soldering methods.
Please solder by the standard soldering conditions
shown in mounting information.
3. Other
Noise suppression levels resulting from Murata's EMI
suppression filters EMIFILr may vary, depending on
the circuits and ICs used, type of noise, mounting
pattern, mounting location, and other operating
conditions. Be sure to check and confirm in advance
the noise suppression effect of each filter, in actual
circuits, etc. before applying the filter in a commercial-
purpose equipment design.
q Soldering and Mounting
1. Self-heating
Please provide special attention when mounting chip
common mode choke coils in close proximity to other
products that radiate heat.
The heat generated by other products may deteriorate
the insulation resistance and cause excessive heat in
this component.
right direction
wrong direction
Z
Z
q Storage and Operating Conditions
Notice
q Rating
!Caution
1. Handling of a Substrate
After mounting products on a substrate, do not apply
any stress to the product caused by bending or
twisting to the substrate when cropping the substrate,
inserting and removing a connector from the substrate
or tightening screw to the substrate.
Excessive mechanical stress may cause cracking in
the Product.
Bending
Twisting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com