Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT10HH401100PN Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # PLT10HH401100PN
Description  SMD/BLOCK Type EMI Suppression Filters
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLT10HH401100PN Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button PLT10HH401100PN Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. PLT10HH401100PN Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
163
s Differential Mode Transmission Characteristics (Typ.)
DLP11SA Series
DLP11SN Series
DLP11TB Series
DLP11TB Series
s Impedance-Frequency Characteristics
s Differential Mode Transmission Characteristics
s Rated Value (p: packaging code)
DLP Series
Signal Lines Type Chip Common Mode Choke Coil
DLP11S/11T Series (0504 Size)
DLP11S/11T
HD: for high speed differential signal lines
UD: for ultra high speed differential signal lines
Part Number
Common Mode Impedance
(at 100MHz/20
°C)
Rated Current
Rated Voltage
Insulation
Resistance
(min.)
Withstand Voltage
DC Resistance
DLP11TB800UL2p
80ohm
±25%
100mA
5Vdc
100M ohm
12.5Vdc
1.5ohm
±25%
Operating Temperature Range: -40
°C to +85°C Number of Circuit: 1
Differential mode to common mode conversion characteristic (Scd21) at 2.5GHz: -40dB (typ.)
Impedance Characteristics between signal lines Z0 (TDR at 50ps): 90ohm
±15ohm
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP11SA900HL2
Frequency (MHz)
0
2
4
6
8
10
1
10
100
1000
10000
DLP11SN900HL2
Frequency (MHz)
1
10
100
1000
1
10
100
1000
10000
Common Mode
Differential Mode
DLP11TB800UL2
DLP11TB800UL2
Frequency (MHz)
10
8
6
4
2
0
1
10
100
1000
10000
DLP11TB800UL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com