Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 52 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 52 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 48Page - Microchip Technology FDC37C78 Datasheet HTML 49Page - Microchip Technology FDC37C78 Datasheet HTML 50Page - Microchip Technology FDC37C78 Datasheet HTML 51Page - Microchip Technology FDC37C78 Datasheet HTML 52Page - Microchip Technology FDC37C78 Datasheet HTML 53Page - Microchip Technology FDC37C78 Datasheet HTML 54Page - Microchip Technology FDC37C78 Datasheet HTML 55Page - Microchip Technology FDC37C78 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
52
4) Issue Read/Write command.
The Seek command does not have a result
phase. Therefore, it is highly recommended that
the Sense Interrupt Status command be issued
after the Seek command to terminate it and to
provide verification of the head position (PCN).
The H bit (Head Address) in ST0 will always
return to a "0".
When exiting POWERDOWN
mode, the FDC clears the PCN value and the
status information to zero.
Prior to issuing the
POWERDOWN
command,
it
is
highly
recommended that the user service all pending
interrupts through the Sense Interrupt Status
command.
Sense Interrupt Status
An interrupt signal on IRQ pin is generated by the
FDC for one of the following reasons:
1.Upon entering the Result Phase of:
a. Read Data command
b. Read A Track command
c. Read ID command
d. Read Deleted Data command
e. Write Data command
f.
Format A Track command
g. Write Deleted Data command
h. Verify command
2. End of Seek, Relative Seek, or Recalibrate
command
3. FDC requires a data transfer during the
execution phase in the non-DMA mode
The Sense Interrupt Status command resets the
interrupt signal and, via the IC code and SE bit of
Status Register 0, identifies the cause of the
interrupt.
Table 27 - Interrupt Identification
The
Seek,
Relative
Seek,
and
Recalibrate
commands have no result phase.
The Sense
Interrupt
Status
command
must
be
issued
immediately after these commands to terminate
them and to provide verification of the head
position (PCN). The H (Head Address) bit in ST0
will always return a "0". If a Sense Interrupt Status
is not issued, the drive will continue to be BUSY
and
may affect
the
operation
of
the
next
command.
Sense Drive Status
Sense
Drive
Status
obtains
drive
status
information. It has not execution phase and goes
directly to the result phase from the command
phase. Status Register 3 contains the drive status
information.
Specify
The Specify command sets the initial values for
each of the three internal times. The HUT (Head
Unload Time) defines the time from the end of the
execution
phase
of
one
of
the
read/write
commands to the head unload state. The SRT
(Step Rate Time) defines the time interval between
adjacent step pulses.
Note that the spacing
between the first and second step pulses may be
shorter than the remaining step pulses. The HLT
(Head Load Time) defines the time between when
the Head Load signal goes high and the read/write
operation starts. The values change with the
data rate speed selection and are documented in
Table
28. The values are the same for MFM and
FM.
SE
IC
INTERRUPT DUE TO
0
1
1
11
00
01
Polling
Normal termination of Seek
or Recalibrate command
Abnormal termination of
Seek or Recalibrate
command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com