Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 67 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 67 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 63Page - Microchip Technology FDC37C78 Datasheet HTML 64Page - Microchip Technology FDC37C78 Datasheet HTML 65Page - Microchip Technology FDC37C78 Datasheet HTML 66Page - Microchip Technology FDC37C78 Datasheet HTML 67Page - Microchip Technology FDC37C78 Datasheet HTML 68Page - Microchip Technology FDC37C78 Datasheet HTML 69Page - Microchip Technology FDC37C78 Datasheet HTML 70Page - Microchip Technology FDC37C78 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
67
CR05
This register can only be accessed in
the Configuration Mode and the CSR has been initialized
to 05H. The default value after power up is 00H.
Table 39 - CR05- Floppy Disk Extended Setup Register
BIT NO.
BIT NAME
DESCRIPTION
0,1
Reserved
Read Only. A read returns a 0.
2
FDC DMA Mode
0=(default) Burst mode is enabled for the FDC FIFO execution
phase data transfers. 1=Non-Burst mode enabled. The FDRQ and
FIRQ pins are strobed once for each byte transferred while the FIFO
is enabled.
4,3
DenSel
Bit 4
Bit 3
Densel output
0
0
Normal (Default)
0
1
Reserved
1
0
1
1
1
0
5
Swap Drv 0,1
A high level on this bit, swaps drives and motor sel 0 and 1 of the
FDC. A low level on this bit does not (Default).
6
EXTx4
External 4 drive support: 0=Internal 2 drive decoder (default).
1=External 4 drive decoder (External 2 to 4 decoder required).
7
Reserved
Read Only. A read of this bit returns a 0
CR06
This register can only be accessed in the Configuration Mode and after the CSR has been initialized
to
06H.
The default value of this register after power up is FFH.
This register holds the floppy
disk drive types for up to four floppy disk drives.
CR07
This register can only be accessed in the Configuration Mode and after the CSR has been initialized
to 07H. The default value of this register after power up is 00H. This register holds the value for the auto
power management, polarity of the media ID bits and floppy boot drive information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com