Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 7 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 7 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 3Page - Microchip Technology FDC37C78 Datasheet HTML 4Page - Microchip Technology FDC37C78 Datasheet HTML 5Page - Microchip Technology FDC37C78 Datasheet HTML 6Page - Microchip Technology FDC37C78 Datasheet HTML 7Page - Microchip Technology FDC37C78 Datasheet HTML 8Page - Microchip Technology FDC37C78 Datasheet HTML 9Page - Microchip Technology FDC37C78 Datasheet HTML 10Page - Microchip Technology FDC37C78 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
7
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
38
Reset
RESET
IS
This active high signal resets the chip and
must be valid for 500 ns minimum. The effect
on the internal registers is described in the
appropriate
section.
The
configuration
registers are not affected by this reset.
FLOPPY DISK INTERFACE
21
Read Disk Data
nRDATA
IS
Raw serial bit stream from the disk drive, low
active.
Each falling edge represents a flux
transition of the encoded data.
27
Write
Data
nWDATA
OD20
This active low high current driver provides
the encoded data to the disk drive.
Each
falling edge causes a flux transition on the
media.
29
Head
Select
nHDSEL
OD20
This high current output selects the floppy
disk side for reading or writing. A logic "1" on
this pin means side 0 will be accessed, while
a
logic "0" means side 1 will be accessed.
33
Direction
Control
nDIR
OD20
This high current low active output determines
the direction of the head movement. A logic
"1" on this pin means outward motion, while a
logic "0" means inward motion.
31
Step Pulse
nSTEP
OD20
This active low high current driver issues a
low pulse for each track-to-track movement of
the head.
20
Disk Change
nDSKCHG
IS
This input senses that the drive door is open
or
that
the
diskette
has
possibly been
changed since the last drive selection. This
input is inverted and read via bit 7 of I/O
address 3F7H.
22,
23
DRVDEN 0,
DRVDEN 1
DRVDEN0,
DRVDEN1
OD20
Indicates the drive and media selected. Refer
to
configuration
registers
CR03,
CR0B,
CR1F.
24
Density Select
DENSEL
OD20
Indicates whether a low (250/300 Kb/s) or
high (500 Kb/s) data rate has been selected.
This is determined by the IDENT bit in
Configuration Register 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com