Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 17 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 17 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 13Page - Microchip Technology FDC37C78 Datasheet HTML 14Page - Microchip Technology FDC37C78 Datasheet HTML 15Page - Microchip Technology FDC37C78 Datasheet HTML 16Page - Microchip Technology FDC37C78 Datasheet HTML 17Page - Microchip Technology FDC37C78 Datasheet HTML 18Page - Microchip Technology FDC37C78 Datasheet HTML 19Page - Microchip Technology FDC37C78 Datasheet HTML 20Page - Microchip Technology FDC37C78 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
17
Table 11 - Data Rates
DRIVE RATE
DATA RATE
DATA RATE
DENSEL (1)
DRATE (2)
DRT1
DRT0
SEL1
SEL0
MFM
FM
IDENT=1
IDENT=0
1
2
0
0
1
1
1Meg
---
1
0
1
1
0
0
0
0
500
250
1
0
0
0
0
0
0
1
300
150
0
1
0
1
0
0
1
0
250
125
0
1
1
0
0
1
1
1
1Meg
---
1
0
1
1
0
1
0
0
500
250
1
0
0
0
0
1
0
1
500
250
0
1
0
1
0
1
1
0
250
125
0
1
1
0
1
0
1
1
1Meg
---
1
0
1
1
1
0
0
0
500
250
1
0
0
0
1
0
0
1
2Meg
---
0
1
0
1
1
0
1
0
250
125
0
1
1
0
Drive Rate Table (Recommended)
00 = 360K, 1.2M, 720K, 1.44M and 2.88M Vertical Format
01 = 3-Mode Drive
10 = 2 Meg Tape
Note 1: This is for DENSEL in normal mode.
Note 2: This is for DRATE0, DRATE1 when Drive Opt are 00.
Table 12 - Default Precompensation Delays
*The 2 Mbps data rate is only available if VCC = 5V.
DATA RATE
PRECOMPENSATION
DELAYS
2 Mbps
1 Mbps
500 Kbps
300 Kbps
250 Kbps
20.8 ns
41.67 ns
125 ns
125 ns
125 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com