Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 60 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 60 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 56Page - Microchip Technology FDC37C78 Datasheet HTML 57Page - Microchip Technology FDC37C78 Datasheet HTML 58Page - Microchip Technology FDC37C78 Datasheet HTML 59Page - Microchip Technology FDC37C78 Datasheet HTML 60Page - Microchip Technology FDC37C78 Datasheet HTML 61Page - Microchip Technology FDC37C78 Datasheet HTML 62Page - Microchip Technology FDC37C78 Datasheet HTML 63Page - Microchip Technology FDC37C78 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
60
Table 30 - PC/AT Available Registers
Available Registers
Base + Address
PC-AT
Access Permitted
Access to these registers DOES NOT wake up the part
00H
----
R
01H
----
R
02H
DOR (1)
R/W
03H
---
---
04H
DSR (1)
W
06H
---
---
07H
DIR
R
07H
CCR
W
Access to these registers wakes up the part
04H
MSR
R
05H
Data
R/W
Note 1: Writing to the DOR or DSR does not wake up the part, however, writing any of the motor enable
bits or doing a software reset (via DOR or DSR reset bits) will wake up the part
Table 31 - State of System Pins in Auto Powerdown
System Pins
State in Auto Powerdown
Input Pins
IOR
Unchanged
IOW
Unchanged
A[0:9]
Unchanged
D[0:7]
Unchanged
RESET
Unchanged
IDENT
Unchanged
DACK
Unchanged
TC
Unchanged
Output Pins
IRQ
Unchanged (low)
DB[0:7]
Unchanged
FDRQ
Unchanged (low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com