Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 16 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 16 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 12Page - Microchip Technology FDC37C78 Datasheet HTML 13Page - Microchip Technology FDC37C78 Datasheet HTML 14Page - Microchip Technology FDC37C78 Datasheet HTML 15Page - Microchip Technology FDC37C78 Datasheet HTML 16Page - Microchip Technology FDC37C78 Datasheet HTML 17Page - Microchip Technology FDC37C78 Datasheet HTML 18Page - Microchip Technology FDC37C78 Datasheet HTML 19Page - Microchip Technology FDC37C78 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
16
DATA RATE SELECT REGISTER (DSR)
Address 3F4 WRITE ONLY
This register is write only. It is used to program
the data rate, amount of write precompensation,
power down status, and software reset. The data
rate is programmed using the Configuration
Control
Register
(CCR)
not the DSR, for PC/AT and Microchannel
applications. Other applications can set the data
rate in the DSR.
The data rate of the floppy
controller is the most recent write of either the
DSR or CCR.
The DSR is unaffected by a
software reset. A hardware reset will set the DSR
to
02H,
which
corresponds
to
the
default
precompensation setting and 250 kbps.
BIT 0 and 1 DATA RATE SELECT
These bits control the data rate of the floppy
controller.
See Table 13 for the settings
corresponding to the individual data rates.
The
data rate select bits are unaffected by a software
reset, and are set to 250 kbps
after a hardware
reset.
BIT
2
through
4
PRECOMPENSATION
SELECT
These three bits select the value of write
precompensation that will be applied to the
WDATA output signal.
Table 12 shows the
precompensation values for the combination of
these bits settings. Track 0 is the default starting
track number to start precompensation. this
starting track number can be changed by the
configure command.
BIT 5 UNDEFINED
Should be written as a logic "0".
BIT 6 LOW POWER
A logic "1" written to this bit will put the floppy
controller into Manual Low Power mode. The
floppy controller clock and data separator circuits
will be turned off. The controller will come out of
manual low power mode after a software reset or
access to the Data Register or Main Status
Register.
BIT 7 SOFTWARE RESET
This active high bit has the same function as the
DOR RESET (DOR bit 2) except that this bit is self
clearing.
Table 10 - Precompensation Delays
7
6
5
4
3
2
1
0
S/W
RESET
POWER
DOWN
0
PRE-
COMP2
PRE-
COMP1
PRE-
COMP0
DRATE
SEL1
DRATE
SEL0
RESET
COND.
0
0
0
0
0
0
1
0
PRECOMP
432
PRECOMPENSATION DELAY
111
001
010
011
100
101
110
000
0.00 ns-DISABLED
41.67 ns
83.34 ns
125.00 ns
166.67 ns
208.33 ns
250.00 ns
Default (See Table 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com