Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 18 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 18 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 14Page - Microchip Technology FDC37C78 Datasheet HTML 15Page - Microchip Technology FDC37C78 Datasheet HTML 16Page - Microchip Technology FDC37C78 Datasheet HTML 17Page - Microchip Technology FDC37C78 Datasheet HTML 18Page - Microchip Technology FDC37C78 Datasheet HTML 19Page - Microchip Technology FDC37C78 Datasheet HTML 20Page - Microchip Technology FDC37C78 Datasheet HTML 21Page - Microchip Technology FDC37C78 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
18
MAIN STATUS REGISTER
Address 3F4 READ ONLY
The Main Status Register is a read-only register
and indicates the status of the disk controller. The
Main Status Register can be read at any
time. The MSR indicates when the disk controller
is ready to receive data via the Data Register. It
should be read before each byte transferring to or
from the data register except in DMA mode. NO
delay is required when reading the MSR after a
data transfer.
BIT 0 - 3 DRVx BUSY
These bits are set to 1s when a drive is in the seek
portion of a command, including implied and
overlapped seeks and recalibrates.
BIT 4 COMMAND BUSY
This bit is set to a 1 when a command is in
progress. This bit will go active after the command
byte has been accepted and goes inactive at the
end of the results phase.
If there is no result
phase (Seek, Recalibrate commands), this bit is
returned to a 0 after the last command byte.
BIT 5 NON-DMA
This mode is selected in the SPECIFY command
and will be set to a 1 during the execution phase of
a command. This is for polled data transfers and
helps differentiate between the data transfer phase
and the reading of result bytes.
BIT 6 DIO
Indicates the direction of a data transfer once a
RQM is set. A 1 indicates a read and a 0 indicates
a write is required.
BIT 7 RQM
Indicates that the host can transfer data if set to a
1. No access is permitted if set to a 0.
7
6
5
4
3
2
1
0
RQM
DIO
NON
DMA
CMD
BUSY
DRV3
BUSY
DRV2
BUSY
DRV1
BUSY
DRV0
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com