Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDC37C78 Datasheet(PDF) 69 Page - Microchip Technology

Part # FDC37C78
Description  Floppy Disk Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FDC37C78 Datasheet(HTML) 69 Page - Microchip Technology

Back Button FDC37C78 Datasheet HTML 65Page - Microchip Technology FDC37C78 Datasheet HTML 66Page - Microchip Technology FDC37C78 Datasheet HTML 67Page - Microchip Technology FDC37C78 Datasheet HTML 68Page - Microchip Technology FDC37C78 Datasheet HTML 69Page - Microchip Technology FDC37C78 Datasheet HTML 70Page - Microchip Technology FDC37C78 Datasheet HTML 71Page - Microchip Technology FDC37C78 Datasheet HTML 72Page - Microchip Technology FDC37C78 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 82 page
background image
69
CR0D
This register can only be accessed in the Configuration Mode and after the CSR has been initialized to
0DH. This register is read only. This is the Device ID. The default value of this register after power up is
78H.
CR0E
This register can only be accessed in the Configuration Mode and after the CSR has been initialized to
0EH. This register is read only. The default value of this register after power up is 00H. This is used to
identify the chip revision level.
CR0F
This
register
can
only be accessed in the Configuration
Mode
and
after
the CSR has
been initialized to 0FH. The default value of this register after power up is 00H. This is a test register and
must be left as 00H.
Table 42 - CR0F
BIT NO.
BIT NAME
DESCRIPTION
0:7
Reserved
Reserved For Test
CR10
This register can only be accessed in the Configuration Mode and after the CSR has been initialized
to 10H. The default value of this register after power up is 00H. This is a test register and must be left as
00H.
Table 43 - CR10
BIT NO.
BIT NAME
DESCRIPTION
0:7
Reserved
Reserved For Test
CR11
This register can only be accessed in the Configuration Mode and after the CSR has
been initialized to 11H. The default value of this register after power up is 00H. This is a test register and
must be left as 00H.
Table 44 - CR11
BIT NO.
BIT NAME
DESCRIPTION
0:7
Reserved
Reserved For Test
CR12-CR1E
These registers are reserved. The default value of these registers after power up is 00H.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com