Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 32Page - Renesas Technology Corp PD70F3555 Datasheet HTML 33Page - Renesas Technology Corp PD70F3555 Datasheet HTML 34Page - Renesas Technology Corp PD70F3555 Datasheet HTML 35Page - Renesas Technology Corp PD70F3555 Datasheet HTML 36Page - Renesas Technology Corp PD70F3555 Datasheet HTML 37Page - Renesas Technology Corp PD70F3555 Datasheet HTML 38Page - Renesas Technology Corp PD70F3555 Datasheet HTML 39Page - Renesas Technology Corp PD70F3555 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
36
R01DS0141ED0100
Data Sheet
Chapter 6
Supply current specification
Chapter 6 Supply current specification
6.1 Supply current of µPDF70F4007 / µPDF70F4008 /
µPDF70F4009 / µPDF70F4010
Total supply current
Notes
1.
The above currents do not include port buffer currents or ADC currents.
2.
The currents in run mode include currents for self-programming and
EEPROM emulation.
3.
The current of FlexRay is not included in case of CPU frequency = 8MHz.
4.
The ‘typical’ specification is for reference only and not a guaranteed value.
The ‘typical’ specification is applicable under the following conditions:
•
Ta = 25°C
•
REGnVDD=FVDD=OSCVDD=EmVDD=B0VDD=AmVDD=AmVREFP=5.0V
(n=0-3, m=0-1).
•
M2 products: CVDD = 1.2V
•
REGnVSS=OSCVSS=EmVSS=B0VSS=AmVSS=AmVREFM=0V
(n=0-3, m=0-1)
Item
Powera
Conditionb
Specification
Unit
ISO0
ISO1
8MHz
intOSC
Main
OSC
Sub
OSC
PLL
CPU
Freq
Peripherals
Typ.
(A)
(A1)
(A2)
RUN
mode
ON
ON
ON
ON
ON
ON
80
WORKING
139
178
180
181
mA
ON
ON
ON
ON
ON
ON
80
STOPPED
76
-
-
-
mA
ON
ON
ON
OFF
ON
OFF
8
WORKING
27
45
46
46
mA
ON
ON
ON
OFF
ON
OFF
8
STOPPED
19
-
-
-
mA
ON
OFF
ON
ON
ON
ON
80
WORKING
104
138
139
140
mA
ON
OFF
ON
ON
ON
ON
80
STOPPED
74
-
-
-
mA
ON
OFF
ON
OFF
ON
OFF
8
WORKING
21
40
40
40
mA
ON
OFF
ON
OFF
ON
OFF
8
STOPPED
19
-
-
-
mA
HALT
mode
ON
ON
ON
ON
ON
ON
80
WORKING
134
174
176
177
mA
ON
ON
ON
ON
ON
ON
80
STOPPED
74
-
-
-
mA
ON
ON
ON
OFF
ON
OFF
8
WORKING
26
45
45
45
mA
ON
ON
ON
OFF
ON
OFF
8
STOPPED
19
-
-
-
mA
STOP
mode
ON
ON
OFF
OFF
OFF
OFF
-
STOPPED
0.7
19
20
22
mA
ON
OFF
OFF
OFF
OFF
OFF
-
STOPPED
0.6
19
19
21
mA
DEEPSTOP
mode
OFF
OFF
OFF
OFF
OFF
OFF
-
STOPPED
0.06
0.86
0.88
1.1
mA
OFF
OFF
ON
OFF
OFF
OFF
-
STOPPED
0.6
2.1
2.3
2.5
mA
OFF
OFF
ON
OFF
ON
OFF
-
STOPPED
0.6
2.1
2.3
2.5
mA
a)
The AWO is always ON.
b)
The 240kHz IntOSC is always ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com