Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 35Page - Renesas Technology Corp PD70F3555 Datasheet HTML 36Page - Renesas Technology Corp PD70F3555 Datasheet HTML 37Page - Renesas Technology Corp PD70F3555 Datasheet HTML 38Page - Renesas Technology Corp PD70F3555 Datasheet HTML 39Page - Renesas Technology Corp PD70F3555 Datasheet HTML 40Page - Renesas Technology Corp PD70F3555 Datasheet HTML 41Page - Renesas Technology Corp PD70F3555 Datasheet HTML 42Page - Renesas Technology Corp PD70F3555 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
39
R01DS0141ED0100
Data Sheet
Chapter 6
Supply current specification
6.3 Supply current of µPDF70F3592
Total supply current
Notes
1.
The above currents do not include port buffer currents or ADC currents.
2.
The currents in run mode include currents for self-programming and
EEPROM emulation.
3.
The current of FlexRay is not included in case of CPU frequency = 8MHz.
4.
The ‘typical’ specification is for reference only and not a guaranteed value.
The ‘typical’ specification is applicable under the following conditions:
•
Ta = 25°C
•
REGnVDD=FVDD=OSCVDD=EmVDD=B0VDD=AmVDD=AmVREFP=5.0V
(n=0-3, m=0-1).
•
M2 products: CVDD = 1.2V
•
REGnVSS=OSCVSS=EmVSS=B0VSS=AmVSS=AmVREFM=0V
(n=0-3, m=0-1)
Item
Powera
Conditionb
Specification
Unit
ISO0
ISO1
8MHz
intOSC
Main
OSC
Sub
OSC
PLL
CPU
Freq
Peripherals
Min.
Typ.
(A)
(A1)
(A2)
RUN
mode
ON
ON
ON
ON
ON
ON
80
WORKING
134
174
176
-
mA
ON
ON
ON
ON
ON
ON
80
STOPPED
76
-
-
-
mA
ON
ON
ON
OFF
ON
OFF
8
WORKING
26
45
45
-
mA
ON
ON
ON
OFF
ON
OFF
8
STOPPED
19
-
-
-
mA
ON
OFF
ON
ON
ON
ON
80
WORKING
104
138
139
-
mA
ON
OFF
ON
ONONON
80
STOPPED
74
-
-
-
mA
ON
OFF
ON
OFF
ON
OFF
8
WORKING
21
39
40
-
mA
ON
OFF
ON
OFF
ON
OFF
8
STOPPED
19
-
-
-
mA
HALT
mode
ON
ON
ON
ON
ON
ON
80
WORKING
127
169
170
-
mA
ON
ON
ON
ON
ON
ON
80
STOPPED
74
-
-
-
mA
ON
ON
ON
OFF
ON
OFF
8
WORKING
25
44
45
-
mA
ON
ON
ON
OFF
ON
OFF
8
STOPPED
19
-
-
-
mA
STOP
mode
ON
ON
OFF
OFF
OFF
OFF
-
STOPPED
0.7
16
17
-
mA
ON
OFF
OFF
OFF
OFF
OFF
-
STOPPED
0.6
15
16
-
mA
DEEPSTOP
mode
OFF
OFF
OFF
OFF
OFF
OFF
-
STOPPED
0.06
0.86
0.88
-
mA
OFF
OFF
ON
OFF
OFF
OFF
-
STOPPED
0.6
2.1
2.3
-
mA
OFF
OFF
ON
OFF
ON
OFF
-
STOPPED
0.6
2.1
2.3
-
mA
a)
The AWO is always ON.
b)
The 240kHz IntOSC is always ON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com