Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 80Page - Renesas Technology Corp PD70F3555 Datasheet HTML 81Page - Renesas Technology Corp PD70F3555 Datasheet HTML 82Page - Renesas Technology Corp PD70F3555 Datasheet HTML 83Page - Renesas Technology Corp PD70F3555 Datasheet HTML 84Page - Renesas Technology Corp PD70F3555 Datasheet HTML 85Page - Renesas Technology Corp PD70F3555 Datasheet HTML 86Page - Renesas Technology Corp PD70F3555 Datasheet HTML 87Page - Renesas Technology Corp PD70F3555 Datasheet HTML 88Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
87
R01DS0141ED0100
Data Sheet
Chapter 10
Definition of terms
(7)
Integral linearity error
This indicates the degree to which the conversion characteristic shifts from the
ideal linearity, and indicates the maximum value of the difference between the
actually measured value and the ideal linearity where the zero-scale error and
full-scale error are 0.
Figure 10-6
Integral linearity error
(8)
Conversion time
This is the time from when an analog voltage is input until digital output is
produced.
The conversion time in the characteristics table includes sampling time.
(9)
Sampling time
This is the time during which the analog switch is on to input the analog voltage
to the sample & hold circuit.
(10)
A/D start time
This is the time from the A/D conversion trigger to the start of A/D conversion.
Ideal linearity
1………1
0………0
Integral linearity error
Analog input
AVREFP
AVREFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com