Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 65Page - Renesas Technology Corp PD70F3555 Datasheet HTML 66Page - Renesas Technology Corp PD70F3555 Datasheet HTML 67Page - Renesas Technology Corp PD70F3555 Datasheet HTML 68Page - Renesas Technology Corp PD70F3555 Datasheet HTML 69Page - Renesas Technology Corp PD70F3555 Datasheet HTML 70Page - Renesas Technology Corp PD70F3555 Datasheet HTML 71Page - Renesas Technology Corp PD70F3555 Datasheet HTML 72Page - Renesas Technology Corp PD70F3555 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 88 page
background image
69
R01DS0141ED0100
Data Sheet
Chapter 7
Peripherals specification
7.17 A/D Converter characteristics
7.17.1
12bit A/D (for ADC channels without S/H functionality)
Table 7-12
12bit A/D
Notes
1.
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
2.
m: Number of channels. Refer to the User Manual for the detailed
specification.
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Resolution
RESn
12
12
12
bit
Total conversion time
TCONn
1.5
-
10
µs
Overall errora
a)
The specification does not include the quantization error.
TOEn
-
-
±6.0
LSB
Non-liniarity errora
ILEn
-
-
±2.5
LSB
Differencial liniarity errora
DLEn
-
-
±1.5
LSB
Zero scale errora
ZSEn
-
-
±5.0
LSB
Full scale errora
FSEn
-
-
±5.0
LSB
Analog input voltagea
VAIN
AnVREFM
AnVREFP
V
Power on stabilization timeb
b)
‘Power on’ refers to
- setting ADCAnGPS = 1
--
1
µs
AnVDD current
AIDDn
ADAnBPC=0, withDiagnosis
function
-4.0
6.3
mA
ADAnBPC=0, w/o Diagnosis
function
-5.2
8.1
mA
ADAnBPC=1, with Diagnosis
function
-4.6
7.4
mA
ADAnBPC=1, w/o Diagnosis
function
-6.2
9.2
mA
AIDDnPD Power down
-
1
-
µA
AnVREFP current
AIREFn
-
650
-
µA
Conversion result by
Diagnosis functionc
c)
The values given do not include influence of injected current
TESHn
AnVDD was converted
4015
-
4095
LSB
TESHLn3 2/3 AnVDD was converted
2691
2731
2771
LSB
TESHLn2 1/2 AnVDD was converted
2018
2048
2078
LSB
TESHLn1 1/3 AnVDD was converted
1325
1365
1405
LSB
TESLn
AGND was converted
0
-
80
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com