Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 28Page - Renesas Technology Corp PD70F3555 Datasheet HTML 29Page - Renesas Technology Corp PD70F3555 Datasheet HTML 30Page - Renesas Technology Corp PD70F3555 Datasheet HTML 31Page - Renesas Technology Corp PD70F3555 Datasheet HTML 32Page - Renesas Technology Corp PD70F3555 Datasheet HTML 33Page - Renesas Technology Corp PD70F3555 Datasheet HTML 34Page - Renesas Technology Corp PD70F3555 Datasheet HTML 35Page - Renesas Technology Corp PD70F3555 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
32
R01DS0141ED0100
Data Sheet
Chapter 5
I/O specification
5.1.2
PgE0
Table 5-2
PgE0 characteristics
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
High level input voltage
VIH
CMOS
0.7·E0VDD
-
E0VDD+0.3
V
Schmitt1
0.7·E0VDD
-
E0VDD+0.3
Schmitt2
0.8·E0VDD
-
E0VDD+0.3
Schmitt4 (E0VDD=VPOC~3.0)
0.84·E0VDD
-
E0VDD+0.3
Schmitt4 (E0VDD=3.0~5.5)
0.8·E0VDD
-
E0VDD+0.3
Low level input voltage
VIL
CMOS
-0.5
-
0.3·E0VDD
V
Schmitt1
-0.5
-
0.3·E0VDD
Schmitt2
-0.5
-
0.2·E0VDD
Schmitt4 (E0VDD=VPOC~3.0)
-0.5
-
0.4·E0VDD
Schmitt4 (E0VDD=3.0~5.5)
-0.5
-
0.5·E0VDD
High level output voltage
VOH
IOH = -5mA
E0VDD-1.0
-
V
IOH = -100µA
E0VDD-0.5
-
Low level output voltage
VOL
IOL = 5mA
-
-
0.4
V
IOL = 100µA
-
-
0.4
Input hysteresis of Schmit
VH
Schmitt1
0.3
-
V
Schmitt2
0.3
-
Schmitt4
0.1
-
Internal pull-up resistor
RU
20
40
100
kΩ
Internal pull-down resistor
RD
20
40
100
kΩ
High level port output
current
IOH
Power supply of PgE0
-
-
-20
mA
Low level port output
current
IOL
Power supply of PgE0
-
-
20
mA
High level input leakage
current
ILIH
VI = E0VDD
-
-
0.5
µA
Low level input leakage
current
ILIL
VI = 0V
-
-
-0.5
µA
High level output leakage
current
ILOH
VO = E0VDD
-
-
0.5
µA
Low level output leakage
current
ILOL
VO = 0V
-
-
-0.5
µA
Output frequency
fO
Slow mode
-
-
25
MHz
Fast mode
-
-
40
Rise time (output)
tKRP
Slow mode
-
-
15
ns
Fast mode
-
-
8
ns
Fall time (output)
tKFP
Slow mode
-
-
15
ns
Fast mode
-
-
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com