Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 39Page - Renesas Technology Corp PD70F3555 Datasheet HTML 40Page - Renesas Technology Corp PD70F3555 Datasheet HTML 41Page - Renesas Technology Corp PD70F3555 Datasheet HTML 42Page - Renesas Technology Corp PD70F3555 Datasheet HTML 43Page - Renesas Technology Corp PD70F3555 Datasheet HTML 44Page - Renesas Technology Corp PD70F3555 Datasheet HTML 45Page - Renesas Technology Corp PD70F3555 Datasheet HTML 46Page - Renesas Technology Corp PD70F3555 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
43
R01DS0141ED0100
Data Sheet
Chapter 7
Peripherals specification
7.6 Timer timing
Table 7-1
Timer timing
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
TAUAnI input High level
width
tTAIH
n=0
a,b
--
ns
TAUAnI input Low level
width
tTAIL
n=0
a,b
--
ns
TAUBnI input High level
width
tTBIH
n=1
a,b
a)
With digital noise filter enabled: 2, 3, 4 or 5 x Tsamp + 20 (Tsamp shows sampling period specified in Noise
filter macro. More than 1 PCLK width of Timer macro must be kept regarding DNF pass through pulse width.
b)
With digital noise filter disabled: 1xtSYNC+20 ( tSYNC: 1 PCLK of Timer macro)
--
ns
TAUBnI input Low level
width
tTBIL
n=0
a,b
--
ns
TAUJnI input High level
width
tTJIH
n=0,1
300
-
-
ns
TAUJnI input High level
width
tTJIH
4.7
-
-
µs
TAUJnI input High level
width
tTJIH
b
-
-
ns
TAUJnI input Low level
width
tTJIL
n=0,1
300
-
-
ns
TAUJnI input Low level
width
tTJIL
4.7
-
-
µs
TAUJnI input Low level
width
tTJIL
b
--
ns
TAUAnO output cycle
tTACYK
n=0
-
-
20
MHz
TAUBnO output cycle
tTBCYK
n=1
-
-
20
MHz
TAUCnO output cycle
tTCCYK
n=2-7
-
-
20
MHz
TAUJnO output cycle
tTJCYK
n=0,1
-
-
20
MHz
TAPAnESO input High level
width
tWESH
n=0
300
-
-
ns
TAPAnESO input Low level
width
tWESL
n=0
300
-
-
ns
ENCAnTmIN high level
width
tWENmH
n=0, m=A,B,Z
a,b
--
ns
ENCAnTmIN low level width
tWENmL
n=0, m=A,B,Z
a,b
--
ns
ENCAnTINm high level
width
tWENmH
n=0, m=0-1
a,b
--
ns
ENCAnTINm low level width
tWENmL
n=0, m=0-1
a,b
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com