Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 71Page - Renesas Technology Corp PD70F3555 Datasheet HTML 72Page - Renesas Technology Corp PD70F3555 Datasheet HTML 73Page - Renesas Technology Corp PD70F3555 Datasheet HTML 74Page - Renesas Technology Corp PD70F3555 Datasheet HTML 75Page - Renesas Technology Corp PD70F3555 Datasheet HTML 76Page - Renesas Technology Corp PD70F3555 Datasheet HTML 77Page - Renesas Technology Corp PD70F3555 Datasheet HTML 78Page - Renesas Technology Corp PD70F3555 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
75
R01DS0141ED0100
Data Sheet
Chapter 7
Peripherals specification
7.17.7
Equivalent circuit
Caution
These specifications are not tested in outgoing inspection. Therefore RIN and
CIN values are not guaranteed and are reference values only.
Additionally these values are specified as maximum values.
7.17.8
ADTRG timing
Notes
1.
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
2.
m: Number of channels. Refer to the User Manual for the detailed
specification.
R
IN
C
IN
ADCAnIm
(n=0, m=0-23)
(n=1, m=0-23)
R
IN
C
IN
ADCAnIm
(n=0, m=0-23)
(n=1, m=0-23)
Terminals
Condition
RIN[kΩ]
CIN[pF]
ADCA0I0-ADCA0I5
When S&H is used
0.7
3.6
When S&H is not
used
ADA0BPC=0
1.6
12.6
ADA0BPC=1
1.5
7.1
ADCA0I6-ADCA0I23
ADA0BPC=0
1.2
11.9
ADA0BPC=1
1.1
7.1
ADCA1I0-ADCA1I23
ADA0BPC=0
1.2
11.9
ADA0BPC=1
1.1
7.1
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
ADCAnTRGm input High level width
tWADH
with digital noise filter
a
a)
2, 3, 4 or 5 x Tsamp + 20 (Tsamp shows sampling period specified in noise filter).
More than 1 PCLK width of ADC macro must be kept regarding DNF pass through pulse width.
--
ns
without digital noise filter
b
b)
1 × tSYNC+20 ( tSYNC: 1 PCLK of ADC macro)
--
ns
ADCAnTRGm input Low level width
tWADL
with digital noise filter
a
--
ns
without digital noise filter
b
--
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com