Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70F3555 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # PD70F3555
Description  32-bit Single-Chip Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD70F3555 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button PD70F3555 Datasheet HTML 53Page - Renesas Technology Corp PD70F3555 Datasheet HTML 54Page - Renesas Technology Corp PD70F3555 Datasheet HTML 55Page - Renesas Technology Corp PD70F3555 Datasheet HTML 56Page - Renesas Technology Corp PD70F3555 Datasheet HTML 57Page - Renesas Technology Corp PD70F3555 Datasheet HTML 58Page - Renesas Technology Corp PD70F3555 Datasheet HTML 59Page - Renesas Technology Corp PD70F3555 Datasheet HTML 60Page - Renesas Technology Corp PD70F3555 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
57
R01DS0141ED0100
Data Sheet
Chapter 7
Peripherals specification
7.8.2
Slave mode
(1)
CSIG timing slave mode
Table 7-5
CSIG timing (Slave mode)
Note
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
(2)
CSIH timing slave mode
Table 7-6
CSIH timing (Slave mode)
Note
n: Number of macro instances. Refer to the User Manual for the detailed
specification.
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Macro Operation clock cycle
time
tKCYGn
20.820.83
-
-
ns
CSIGnSC cycle time
tKCYSGn
200
-
-
ns
CSIGnSC high level width
tKWHSGn
0.5 · tKCYSGn-10
-
-
ns
CSIGnSC low level width
tKWLSGn
0.5 · tKCYSGn-10
-
-
ns
CSIGnSI setup time
(vs. CSIGnSC )
tSSISGn
20
-
-
ns
CSIGnSI hold time
(vs. CSIGnSC)
tHSISGn
tKCYGn+5.0
-
-
ns
SO output delay (vs SCKI)
tDSOSGn
-
-
35
ns
CSIGnRYO output delay
tSRYOGn
-
-
35
ns
_CSIGnSSI setup time (vs
CSIGnSC)
tSSSISGn
0.5 · tKCYSn-5.0
-
-
ns
_CSIGnSSI hold time (vs
CSIGnSC)
tHSSISGn
tKCY+5.0
-
-
ns
Parameter
Symbol
Condition
Ratings
Unit
Min
Typ
Max
Macro Operation clock cycle
time
tKCYHn
20.8
-
-
ns
CSIHnSC cycle time
tKCYSHn
200
-
-
ns
CSIHnSC high level width
tKWHSHn
0.5 · tKCYSHn-10
-
-
ns
CSIHnSC low level width
tKWLSHn
0.5 · tKCYSHn-10
-
-
ns
CSIHnSI setup time
(vs. CSIHnSC )
tSSISHn
20
-
-
ns
CSIHnSI hold time
(vs. CSIHnSC)
tHSISHn
tKCYHn+5.0
-
-
ns
SO output delay (vs SCKI)
tDSOSHn
-
-
35
ns
CSIHnRYO output delay
tSRYOHn
-
-
35
ns
CSIHnSSI setup time
(vs. CSIHnSC)
tSSSISHn
0.5 · tKCYSn-5:0
-
-
ns
CSIHnSSI hold time
(vs. CSIHnSC)
tHSSISHn
tKCYn* 5.0
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com