Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 5 Page - Micrel Semiconductor

  FLF3215T-R47N Datasheet HTML 1Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 2Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 3Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 4Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 5Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 6Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 7Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 8Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
5
Revision 2.0
Typical Characteristics
50
55
60
65
70
75
80
85
90
95
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Efficiency vs. Output Current
V
OUT = 1.8V @ 25°C
V
IN = 3V
V
IN = 3.6V
V
IN = 5V
50
55
60
65
70
75
80
85
90
95
100
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Efficiency vs. Output Current
V
OUT = 3.3V @ 25°C
V
IN = 5V
V
IN = 4.2V
1
10
100
1000
10000
100000
1000000
1000
10000
100000
1000000
C
SS (pF)
V
OUT Rise Time vs. CSS
V
IN = 3.6V
2.6
2.8
3
3.2
3.4
3.6
3.8
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Current Limit vs.
Input Voltage
T
CASE = 25°C
20
25
30
35
40
45
50
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Quiscent Current vs.
Input Voltage
T
CASE = 25°C
30
32
34
36
38
40
42
44
46
48
50
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
IQ vs. Temperature
V
IN = 3.6V
1.854
1.855
1.856
1.857
1.858
1.859
1.860
1.861
1.862
1.863
1.864
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Line Regulation
(Light Loads)
I
OUT = 130mA
I
OUT = 30mA
1.850
1.852
1.854
1.856
1.858
1.860
1.862
1.864
1.866
1.868
1.870
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Line Regulation
(High Loads)
I
OUT = 300mA
I
OUT = 1A
1.790
1.795
1.800
1.805
1.810
1.815
1.820
0
20
40
60
80 100 120 140 160 180 200
OUTPUT CURRENT (mA)
Output Voltage vs.
Output Current (DCM)
V
IN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com