Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button FLF3215T-R47N Datasheet HTML 8Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 9Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 10Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 11Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 12Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 13Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 14Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 15Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
12
Revision 2.0
Functional Description
VIN
The input supply (VIN) provides power to the internal
MOSFETs for the switch-mode regulator along with the
internal control circuitry. The VIN operating range is 2.7V
to 5.5V so an input capacitor, with a minimum voltage
rating of 6.3V, is recommended. Due to the high
switching speed, a minimum 2.2µF bypass capacitor
placed close to VIN and the power ground (PGND) pin is
required. Refer to the “PCB Layout Recommendations”
section for details.
EN/Shutdown
A logic high signal on the enable pin activates the output
voltage of the device. A logic low signal on the enable pin
deactivates the output and reduces supply current to
0.1µA. When disabled the MIC23164 switches an internal
load of 180
Ω on the regulators switch node to discharge
the output. The MIC23163/4 features external soft-start
circuitry via the soft start (SS) pin that reduces in-rush
current
and
prevents
the
output
voltage
from
overshooting at start up. Do not leave the EN pin floating.
SW
The switch (SW) connects directly to one end of the
inductor and provides the current path during switching
cycles. The other end of the inductor is connected to the
load, SNS pin and output capacitor. Due to the high-
speed switching on this pin, the switch node should be
routed away from sensitive nodes whenever possible.
AGND
The analog ground (AGND) is the ground path for the
biasing and control circuitry. The current loop for the
signal ground should be separate from the power ground
(PGND)
loop.
Refer
to
the
“PCB
Layout
Recommendations” section for details.
PGND
The power ground pin is the ground path for the high
current in PWM mode. The current loop for the power
ground should be as small as possible and separate from
the analog ground (AGND) loop as applicable. Refer to
the “PCB Layout Recommendations” section for details.
PG
The power good (PG) pin is an open drain output which
indicates logic high when the output voltage is typically
above 90% of its steady state voltage. A pull-up resistor
of more than 5k
Ω should be connected from PG to V
OUT.
SS
The soft start (SS) pin is used to control the output
voltage ramp up time. The approximate equation for the
ramp time in seconds is 270 × 10
3 × ln(10) × C
SS. For
example, for a CSS = 1nF, TRISE ~ 600µs. The minimum
recommended value for CSS is 1nF.
FB
The feedback (FB) pin is provided for the adjustable
voltage option (no internal connection for fixed options).
This is the control input for programming the output
voltage. A resistor divider network is connected to this pin
from the output and is compared to the internal 0.7V
reference within the regulation loop.
The output voltage can be programmed between 0.7V
and VIN using Equation 1:
 +
×
=
R2
R1
1
V
V
REF
OUT
Eq. 1
where:
R1 is the top resistor, R2 is the bottom resistor.
Table 1. Example Feedback Resistor Values
VOUT
R1
R2
1.2V
215k
301k
1.5V
301k
261k
1.8V
340k
215k
2.5V
274k
107k
3.3V
383k
102k
3.6V
422k
102k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com