Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button FLF3215T-R47N Datasheet HTML 11Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 12Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 13Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 14Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 15Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 16Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 17Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 18Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
16
Revision 2.0
Typical Application Circuit
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1
C1608X5R0J475K
TDK
(7)
4.7µF, 6.3V, X5R, Size 0603
1
GRM188R60J475KE19D
Murata
(8)
C2
C1608X5R0J106K080AB
TDK
10µF, 6.3V, X5R, Size 0603
1
GRM188R60J106ME84D
Murata
C3
GRM188R71H102MA01D
Murata
1nF/50V, X7R, 0603
1
06035C102KAT2A
AVX
(9)
C4
06035A150KAT2A
AVX
15pF, 50V, 0603
1
GRM1885C1H150JA01D
Murata
L1
FLF3215T-R47N
TDK
0.47µH, 2.8A, 21m
Ω, L3.2mm × W2.5mm × H1.55mm
1
LQH32PNR47NNC
Murata
0.47µH, 2.9A, 24mΩ, L3.2mm × W2.5mm × H1.55mm
R1
CRCW0603301KFKEA
Vishay(
10)
301k
Ω, 1%, 1/10W, Size 0603
1
R2
CRCW0603158KFKEA
Vishay
158k
Ω, 1%, 1/10W, Size 0603
1
R3, R4
CRCW0603100KFKEA
Vishay
100k
Ω, 1%, 1/10W, Size 0603
1
R5
CRCW060310R0FKEA
Vishay
10Ω, 1%, 1/10W, Size 0603
1
U1
MIC23163YMT
Micrel, Inc.
(11)
4MHz, 2A, 100% Duty Cycle Buck Regulator with
HyperLight Load
® and Power Good
1
MIC23164YMT
Notes:
7.
TDK: www.tdk.com.
8.
Murata: www.murata.com.
9.
AVX: www.avx.com.
10. Vishay: www.vishay.com.
11. Micrel, Inc.: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com