Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button FLF3215T-R47N Datasheet HTML 11Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 12Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 13Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 14Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 15Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 16Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 17Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 18Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 19Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
15
Revision 2.0
HyperLight Load Mode
MIC23163/4 uses a minimum on and off time proprietary
control loop (PCL) patented by Micrel called HyperLight
Load (HLL). When the output voltage falls below the
regulation threshold, the error comparator begins a
switching cycle that turns the PMOS on and keeps it on
for the duration of the minimum-on-time. This increases
the output voltage. If the output voltage is over the
regulation threshold, then the error comparator turns the
PMOS off for a minimum-off-time until the output drops
below the threshold. The NMOS acts as an ideal rectifier
that conducts when the PMOS is off. Using a NMOS
switch instead of a diode allows for lower voltage drop
across
the
switching
device
when
it
is
on.
The
asynchronous switching combination between the PMOS
and the NMOS allows the control loop to work in
discontinuous
mode
for
light
load
operations.
In
discontinuous mode, the MIC23163/4 works in pulse
frequency modulation (PFM) to regulate the output. As
the output current increases, the off-time decreases, thus
provides more energy to the output. This switching
scheme improves the efficiency of MIC23163/4 during
light load currents by only switching when it is needed. As
the load current increases, the MIC23163/4 goes into
continuous conduction mode (CCM) and switches at a
frequency centered at 4MHz. The equation to calculate
the load when the MIC23163/4 goes into continuous
conduction mode may be approximated by Equation 6:
(
)


×
×
−
>
f
L
2
D
V
V
I
OUT
IN
LOAD
Eq. 6
As shown in Equation 6, the load at which the
MIC23163/4 transitions from HLL mode to PWM mode is
a function of the input voltage (VIN), output voltage (VOUT),
duty cycle (D), inductance (L) and frequency (f). As
shown in Figure 4, as the output current increases, the
switching frequency also increases until the MIC23163/4
goes from HLL mode to PWM mode at approximately
120mA. The MIC23163/4 will switch at a relatively
constant frequency around 4MHz once the output current
is over 120mA.
Figure 4. SW Frequency vs. Output Current
1
10
100
1000
10000
1
10
100
1000
10000
OUPUT CURRENT (mA)
Switching Frequency vs.
Output Current
V
IN = 5V
V
IN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com