Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 2 Page - Micrel Semiconductor

  FLF3215T-R47N Datasheet HTML 1Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 2Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 3Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 4Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 5Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 6Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 7Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 8Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
2
Revision 2.0
Ordering Information
Part Number
Marking
Code
Output
Voltage
Auto
Discharge
Junction Temperature Range
Package
(1, 2)
MIC23163YMT
QAQ
ADJ
No
–40
°C to +125°C
10-Pin 2mm × 2mm Thin DFN
MIC23164YMT
KQA
ADJ
Yes
–40
°C to +125°C
10-Pin 2mm × 2mm Thin DFN
Note:
1.
DFN is a GREEN, RoHS-compliant package. Mold compound is Halogen Free.
2.
DFN
▲ = Pin 1 identifier.
Pin Configuration
2mm × 2mm DFN (MT)
Adjustable Output Voltage
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Switch (Output): Internal power MOSFET output switches. Disable pull down 180
Ω
(MIC23164 only).
2
EN
Enable (Input): Logic high enables operation of the regulator. Logic low will shut down the
device. Do not leave floating.
3
FB
Feedback: Connect a resistor divider from the output to ground to set the output voltage.
4
NC
Not Internally Connected.
5
PG
Power Good: Open drain output for the power good indicator. Use a pull-up resistor from this pin
to a voltage source to detect a power good condition.
6
SS
Soft Start: Place a capacitor from this pin to ground to program the soft start time. Do not leave
floating, 100pF minimum CSS is required.
7
AGND
Analog Ground: Connect to central ground point where all high-current paths meet (CIN, COUT,
PGND) for best operation.
8
AVIN
Analog Input Voltage: Connect a capacitor to ground to decouple the noise.
9
PVIN
Power Input Voltage: Connect a capacitor to PGND to decouple the noise.
10
PGND
Power Ground.
EP
ePad
Exposed Pad. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com