Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button FLF3215T-R47N Datasheet HTML 10Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 11Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 12Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 13Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 14Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 15Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 16Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 17Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
14
Revision 2.0
In HLL mode, the inductor is charged with a fixed Ton
pulse on the high-side switch (HSD). After this, the LSD
is switched on and current falls at a rate VOUT/L. The
controller remains in HLL mode while the inductor falling
current is detected to cross approximately
−50mA. When
the LSD (or TOFF) time reaches its minimum and the
inductor falling current is no longer able to reach this
−50mA threshold, the part is in CCM mode and switching
at a virtually constant frequency.
Once in CCM mode, the TOFF time will not vary.
Compensation
The MIC23163/4 is designed to be stable with a 0.47µH
inductor with a 10µF ceramic (X5R) output capacitor. A
feed-forward capacitor in the range of 15pF to 68pF is
essential across the top feedback resistor.
Duty Cycle
The maximum duty cycle of the MIC23163/4 is 100%,
allowing operation in dropout to extend battery life.
Efficiency Considerations
Efficiency is defined as the amount of useful output
power, divided by the amount of power supplied, as
shown in Equation 3:
100
I
V
I
V
%
Efficiency
IN
IN
OUT
OUT
×


×
×
=
Eq. 3
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply, reducing
the
need
for
heat
sinks
and
thermal
design
considerations and it reduces consumption of current for
battery-powered applications. Reduced current draw from
a battery increases the device’s operating time and is
critical in handheld devices.
There are two types of losses in switching converters; DC
losses and switching losses. DC losses are simply the
power dissipation of I
2R. Power is dissipated in the high
side switch during the on cycle. Power loss is equal to the
high side MOSFET RDSON multiplied by the switch current
squared. During the off cycle, the low side N-channel
MOSFET conducts, also dissipating power. Device
operating current also reduces efficiency. The product of
the quiescent (operating) current and the supply voltage
represents another DC loss. The current required driving
the gates on and off at a constant 4MHz frequency and
the switching transitions make up the switching losses.
Figure 3. Efficiency under Load
Figure 3 shows an efficiency curve. From no load to
100mA, efficiency losses are dominated by quiescent
current losses, gate drive and transition losses. By using
the HLL mode, the MIC23163/4 is able to maintain high
efficiency at low output currents.
Over 100mA, efficiency loss is dominated by MOSFET
RDSON and inductor losses. Higher input supply voltages
will increase the gate-to-source threshold on the internal
MOSFETs, thereby reducing the internal RDSON. This
improves efficiency by reducing DC losses in the device.
All but the inductor losses are inherent to the device. In
which case, inductor selection becomes increasingly
critical in efficiency calculations. As the inductors are
reduced in size, the DC resistance (DCR) can become
quite significant. The DCR losses can be calculated as in
Equation 4:
DCR
I
P
2
OUT
DCR
×
=
Eq. 4
From that, the loss in efficiency due to inductor resistance
can be calculated as in Equation 5:
100
P
I
V
I
V
1
Loss
Efficiency
DCR
OUT
OUT
OUT
OUT
×


+
×
×
−
=
Eq. 5
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and
size in this case.
50
55
60
65
70
75
80
85
90
95
1
10
100
1000
10000
OUTPUT CURRENT (mA)
Efficiency vs. Output Current
V
OUT = 1.8V @ 25°C
V
IN = 3V
V
IN = 3.6V
V
IN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com