Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button FLF3215T-R47N Datasheet HTML 9Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 10Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 11Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 12Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 13Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 14Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 15Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 16Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
13
Revision 2.0
Application Information
The MIC23163/4 is a high-performance DC/DC step-
down regulator offering a small solution size. Supporting
an output current up to 2A inside a tiny 2mm × 2mm DFN
package, the IC requires only three external components
while meeting today’s
miniature portable electronic
device needs. Using the HyperLight Load (HLL) switching
scheme, the MIC23163/4 is able to maintain high
efficiency
throughout
the
entire
load
range
while
providing ultra-fast load transient response. The following
sections provide additional device application information.
Input Capacitor
A 2.2µF ceramic capacitor or greater should be placed
close to the VIN pin and PGND pin for bypassing. A
Murata
GRM188R60J475ME84D,
size
0603,
4.7µF
ceramic
capacitor
is
recommended
based
on
performance, size, and cost. A X5R or X7R temperature
rating is recommended for the input capacitor. Y5V
temperature rating capacitors, aside from losing most of
their capacitance over temperature, can also become
resistive at high frequencies. This reduces their ability to
filter out high-frequency noise.
Output Capacitor
The MIC23163/4 is designed for use with a 10µF or
greater ceramic output capacitor. Increasing the output
capacitance will lower output ripple and improve load
transient response but could also increase solution size
or cost. A low equivalent series resistance (ESR) ceramic
output
capacitor
such
as
the
Murata
GRM188R60J106ME84D,
size
0603,
10µF
ceramic
capacitor is recommended based upon performance, size
and cost. Both the X7R or X5R temperature rating
capacitors
are
recommended.
The
Y5V
and
Z5U
temperature rating capacitors are not recommended due
to their wide variation in capacitance over temperature
and increased resistance at high frequencies.
Inductor Selection
When selecting an inductor, it is important to consider the
following
factors
(not
necessarily
in
the
order
of
importance):
•
Rated current value
•
Size requirements
•
DC resistance (DCR)
The MIC23163/4 is designed for use with a 0.47µH
inductor. This allows for rapid output voltage recovery
during line and load transients.
Maximum current ratings of the inductor are generally
given in two methods; permissible DC current and
saturation current. Permissible DC current can be rated
either for a 40°C temperature rise or a 10% to 20% loss
in inductance. Ensure the inductor selected can handle
the maximum operating current. When saturation current
is specified, make sure that there is enough margin so
that the peak current does not cause the inductor to
saturate. Peak current can be calculated as illustrated in
Equation 2:


×
×
−
+
=
L
f
2
/V
V
1
V
I
I
IN
OUT
OUT
OUT
PEAK
Eq. 2
As shown by Equation 2, the peak inductor current is
inversely proportional to the switching frequency and the
inductance; the lower the switching frequency or the
inductance the higher the peak current. As input voltage
increases, the peak current also increases.
The size of the inductor depends on the requirements of
the application. Refer to the “Typical Application Circuit”
and “Bill of Materials” sections for details.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant
efficiency loss.
Refer
to
the
“Efficiency
Considerations” section for more details.
The transition between high loads (CCM) to HLL mode is
determined by the inductor ripple current and the load
current.
Figure 2. Signals for High-Side Switch Drive (HSD) for TON
Control, Inductor Current, and Low-Side Switch Drive (LSD)
for TOFF Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com