Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLF3215T-R47N Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # FLF3215T-R47N
Description  4MHz, 2A, 100% Duty Cycle Buck Regulator with HyperLight Load짰 and Power Good
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

FLF3215T-R47N Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button FLF3215T-R47N Datasheet HTML 2Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 3Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 4Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 5Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 6Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 7Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 8Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 9Page - Micrel Semiconductor FLF3215T-R47N Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Micrel, Inc.
MIC23163/4
July 29, 2013
6
Revision 2.0
Typical Characteristics (Continued)
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
200
500
800
1100
1400
1700
2000
OUPUT CURRENT (mA)
Output Voltage vs.
Output Current (CCM)
V
IN = 3.6V
1.900
1.920
1.940
1.960
1.980
2.000
2.020
2.040
2.060
2.080
2.100
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Output Voltage vs.
Temperature
V
IN = 3.6V
I
OUT = 30mA
82
83
84
85
86
87
88
89
90
91
92
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
PG Thresholds vs.
Input Voltage
PG RISING
PG FALLING
10
15
20
25
30
35
40
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
PG Delay Time
vs. Input Voltage
PG RISING
PG FALLING
2.46
2.48
2.5
2.52
2.54
2.56
2.58
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
UVLO Thresholds vs.
Temperature
UVLO ON
UVLO OFF
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Enable Thresholds
vs. Input Voltage
T
CASE = 25°C
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Enable Threshold vs.
Temperature
V
IN = 3.6V
1
10
100
1000
10000
1
10
100
1000
10000
OUPUT CURRENT (mA)
Switching Frequency vs.
Output Current
V
IN = 5V
V
IN = 3.6V
0.680
0.685
0.690
0.695
0.700
0.705
0.710
0.715
0.720
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Feedback Voltage vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com