Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 47 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 47 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 43Page - Altera Corporation PLL2_C2 Datasheet HTML 44Page - Altera Corporation PLL2_C2 Datasheet HTML 45Page - Altera Corporation PLL2_C2 Datasheet HTML 46Page - Altera Corporation PLL2_C2 Datasheet HTML 47Page - Altera Corporation PLL2_C2 Datasheet HTML 48Page - Altera Corporation PLL2_C2 Datasheet HTML 49Page - Altera Corporation PLL2_C2 Datasheet HTML 50Page - Altera Corporation PLL2_C2 Datasheet HTML 51Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 274 page
background image
Chapter 3: Memory Blocks in the Cyclone III Device Family
3–13
Memory Modes
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 3–13 shows the Cyclone III device family M9K memory block in the shift
register mode.
ROM Mode
Cyclone III device family M9K memory blocks support ROM mode. A .mif initializes
the ROM contents of these blocks. The address lines of the ROM are registered. The
outputs can be registered or unregistered. The ROM read operation is identical to the
read operation in the single-port RAM configuration.
FIFO Buffer Mode
Cyclone III device family M9K memory blocks support single-clock or dual-clock
FIFO buffers. Dual clock FIFO buffers are useful when transferring data from one
clock domain to another clock domain. Cyclone III device family M9K memory blocks
do not support simultaneous read and write from an empty FIFO buffer.
f For more information about FIFO buffers, refer to the SCFIFO and DCFIFO
Megafunctions user guide.
Figure 3–13. Cyclone III Device Family Shift Register Mode Configuration
W
w
× m × n Shift Register
m-Bit Shift Register
m-Bit Shift Register
m-Bit Shift Register
m-Bit Shift Register
W
W
W
W
W
W
W
n Number of Taps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com