Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 68 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 68 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 64Page - Altera Corporation PLL2_C2 Datasheet HTML 65Page - Altera Corporation PLL2_C2 Datasheet HTML 66Page - Altera Corporation PLL2_C2 Datasheet HTML 67Page - Altera Corporation PLL2_C2 Datasheet HTML 68Page - Altera Corporation PLL2_C2 Datasheet HTML 69Page - Altera Corporation PLL2_C2 Datasheet HTML 70Page - Altera Corporation PLL2_C2 Datasheet HTML 71Page - Altera Corporation PLL2_C2 Datasheet HTML 72Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 274 page
background image
5–8
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
Clock Networks
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 1
clkena Signals
The Cyclone III device family supports clkena signals at the GCLK network level.
This allows you to gate-off the clock even when a PLL is used. Upon re-enabling the
output clock, the PLL does not need a resynchronization or re-lock period because the
circuit gates off the clock at the clock network level. In addition, the PLL can remain
locked independent of the clkena signals because the loop-related counters are not
affected.
Figure 5–4 shows how to implement the clkena signal.
1 The clkena circuitry controlling the output C0 of the PLL to an output pin is
implemented with two registers instead of a single register, as shown in Figure 5–4.
Figure 5–5 shows the waveform example for a clock output enable. The clkena signal
is sampled on the falling edge of the clock (clkin).
1 This feature is useful for applications that require low power or sleep mode.
The clkena signal can also disable clock outputs if the system is not tolerant to
frequency overshoot during PLL resynchronization.
Figure 5–4. clkena Implementation
DQ
clkena
clkena_out
clk_out
clkin
Figure 5–5. clkena Implementation: Output Enable
clkin
clkena
clk_out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com