Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 77 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 77 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 73Page - Altera Corporation PLL2_C2 Datasheet HTML 74Page - Altera Corporation PLL2_C2 Datasheet HTML 75Page - Altera Corporation PLL2_C2 Datasheet HTML 76Page - Altera Corporation PLL2_C2 Datasheet HTML 77Page - Altera Corporation PLL2_C2 Datasheet HTML 78Page - Altera Corporation PLL2_C2 Datasheet HTML 79Page - Altera Corporation PLL2_C2 Datasheet HTML 80Page - Altera Corporation PLL2_C2 Datasheet HTML 81Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–17
Hardware Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
PLL Control Signals
You can use the following three signals to observe and control the PLL operation and
resynchronization.
pfdena
Use the pfdena signal to maintain the last locked frequency so that your system has
time to store its current settings before shutting down. The pfdena signal controls the
PFD output with a programmable gate. If you disable the PFD, the VCO operates at
its last set value of control voltage and frequency with some long-term drift to a lower
frequency.
areset
The areset signal is the reset or resynchronization input for each PLL. The device
input pins or internal logic can drive these input signals. When driven high, the PLL
counters reset, clearing the PLL output and placing the PLL out of lock. The VCO is
then set back to its nominal setting. When driven low again, the PLL resynchronizes
to its input as it re-locks.
You must include the areset signal in your designs if one of the following conditions
is true:
■
PLL reconfiguration or clock switchover enabled in your design
■
Phase relationships between the PLL input clock and output clocks must be
maintained after a loss-of-lock condition
1 If the input clock to the PLL is toggling or unstable upon power up, assert the areset
signal after the input clock is stable and within specifications.
locked
The locked output indicates that the PLL has locked onto the reference clock and the
PLL clock outputs are operating at the desired phase and frequency set in the
Quartus II MegaWizard™ Plug-in Manager.
1 Altera recommends that you use the areset and locked signals in your designs to
control and observe the status of your PLL.
This implementation is illustrated in Figure 5–13.
Figure 5–13. Locked Signal Implementation
OFF
D
Q
PLL
locked
locked
areset
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com