Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 75 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 75 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 71Page - Altera Corporation PLL2_C2 Datasheet HTML 72Page - Altera Corporation PLL2_C2 Datasheet HTML 73Page - Altera Corporation PLL2_C2 Datasheet HTML 74Page - Altera Corporation PLL2_C2 Datasheet HTML 75Page - Altera Corporation PLL2_C2 Datasheet HTML 76Page - Altera Corporation PLL2_C2 Datasheet HTML 77Page - Altera Corporation PLL2_C2 Datasheet HTML 78Page - Altera Corporation PLL2_C2 Datasheet HTML 79Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–15
Hardware Features
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Hardware Features
Cyclone III device family PLLs support several features for general-purpose clock
management. This section discusses clock multiplication and division
implementation, phase shifting implementations, and programmable duty cycles.
Clock Multiplication and Division
Each Cyclone III device family PLL provides clock synthesis for PLL output ports
using M/(N*post-scale counter) scaling factors. The input clock is divided by a
pre-scale factor, N, and is then multiplied by the M feedback factor. The control loop
drives the VCO to match fIN (M/N). Each output port has a unique post-scale counter
that divides down the high-frequency VCO. For multiple PLL outputs with different
frequencies, the VCO value is the least common multiple of the output frequencies
that meets its frequency specifications. For example, if output frequencies required
from one PLL are 33 and 66 MHz, the Quartus II software sets the VCO to 660 MHz
(the least common multiple of 33 and 66 MHz in the VCO range). Then, the post-scale
counters scale down the VCO frequency for each output port.
There is one pre-scale counter, N, and one multiply counter, M, per PLL, with a range
of 1 to 512 for both M and N. The N counter does not use duty cycle control because
the purpose of this counter is only to calculate frequency division. There are five
generic post-scale counters per PLL that can feed GCLKs or external clock outputs.
These post-scale counters range from 1 to 512 with a 50% duty cycle setting. The
post-scale counters range from 1 to 256 with any non-50% duty cycle setting. The sum
of the high/low count values chosen for a design selects the divide value for a given
counter.
The Quartus II software automatically chooses the appropriate scaling factors
according to the input frequency, multiplication, and division values entered into the
ALTPLL megafunction.
1 Phase alignment between output counters are determined using the tPLL_PSERR
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com