Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 67 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 67 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 63Page - Altera Corporation PLL2_C2 Datasheet HTML 64Page - Altera Corporation PLL2_C2 Datasheet HTML 65Page - Altera Corporation PLL2_C2 Datasheet HTML 66Page - Altera Corporation PLL2_C2 Datasheet HTML 67Page - Altera Corporation PLL2_C2 Datasheet HTML 68Page - Altera Corporation PLL2_C2 Datasheet HTML 69Page - Altera Corporation PLL2_C2 Datasheet HTML 70Page - Altera Corporation PLL2_C2 Datasheet HTML 71Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–7
Clock Networks
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
The inputs to the five clock control blocks on each side must be chosen from among
the following clock sources:
■
Four clock input pins
■
Five PLL counter outputs
■
Two DPCLK pins and two CDPCLK pins from both the left and right sides, and four
DPCLK
pins and two CDPCLK pins from both the top and bottom
■
Five signals from internal logic
From the clock sources listed above, only two clock input pins, two PLL clock outputs,
one DPCLK or CDPCLK pin, and one source from internal logic can drive into any given
clock control block, as shown in Figure 5–1 on page 5–5.
Out of these five inputs to any clock control block, the two clock input pins and two
PLL outputs are dynamically selected to feed a GCLK. The clock control block
supports static selection of the signal from internal logic.
Figure 5–3 shows a simplified version of the five clock control blocks on each side of
the Cyclone III device family periphery.
GCLK Network Power Down
You can disable the Cyclone III device family GCLK (power down) by using both
static and dynamic approaches. In the static approach, configuration bits are set in the
configuration file generated by the Quartus II software, which automatically disables
unused GCLKs. The dynamic clock enable or disable feature allows internal logic to
control clock enable or disable of the GCLKs in the Cyclone III device family.
When a clock network is disabled, all the logic fed by the clock network is in an
off-state, thereby reducing the overall power consumption of the device. This function
is independent of the PLL and is applied directly on the clock network, as shown in
Figure 5–1 on page 5–5.
You can set the input clock sources and the clkena signals for the GCLK multiplexers
through the Quartus II software using the ALTCLKCTRL megafunction.
f For more information, refer to the Clock Control Block (ALTCLKCTRL) Megafunction
User Guide.
Figure 5–3. Clock Control Blocks on Each Side of the Cyclone III Device Family (1)
Note to Figure 5–3:
(1) The left and right sides of the device have two DPCLK pins; the top and bottom of the device have four DPCLK pins.
5
GCLK
Clock Input Pins
4
DPCLK
Internal Logic
Clock
Control
Block
5
PLL Outputs
5
2 or 4
CDPCLK
2
Five Clock Control
Blocks on Each Side
of the Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com