Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 71 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 71 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 67Page - Altera Corporation PLL2_C2 Datasheet HTML 68Page - Altera Corporation PLL2_C2 Datasheet HTML 69Page - Altera Corporation PLL2_C2 Datasheet HTML 70Page - Altera Corporation PLL2_C2 Datasheet HTML 71Page - Altera Corporation PLL2_C2 Datasheet HTML 72Page - Altera Corporation PLL2_C2 Datasheet HTML 73Page - Altera Corporation PLL2_C2 Datasheet HTML 74Page - Altera Corporation PLL2_C2 Datasheet HTML 75Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 274 page
background image
Chapter 5: Clock Networks and PLLs in the Cyclone III Device Family
5–11
Clock Feedback Modes
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Figure 5–7 shows the external clock outputs for PLLs.
Each pin of a differential output pair is 180° out of phase. The Quartus II software
places the NOT gate in your design into the I/O element to implement 180° phase
with respect to the other pin in the pair. The clock output pin pairs support the same
I/O standards as standard output pins (in the top and bottom banks) as well as LVDS,
LVPECL, differential HSTL, and differential SSTL.
f To determine which I/O standards are supported by the PLL clock input and output
pins, refer to the I/O Features in the Cyclone III Device Family chapter.
Cyclone III device family PLLs can drive out to any regular I/O pin through the
GCLK. You can also use the external clock output pins as general purpose I/O pins if
external PLL clocking is not required.
Clock Feedback Modes
Cyclone III device family PLLs support up to four different clock feedback modes.
Each mode allows clock multiplication and division, phase shifting, and
programmable duty cycle.
Figure 5–7. External Clock Outputs for PLLs
Notes to Figure 5–7:
(1) These external clock enable signals are available only when using the ALTCLKCTRL megafunction.
(2) PLL#_CLKOUTp and PLL#_CLKOUTn pins are dual-purpose I/O pins that you can use as one single-ended or one
differential clock output.
C0
C1
C2
C4
C3
PLL #
clkena 1
(1)
clkena 0
(1)
PLL #_CLKOUTp
(2)
PLL #_CLKOUTn
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com