Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 32 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 32 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 28Page - Altera Corporation PLL2_C2 Datasheet HTML 29Page - Altera Corporation PLL2_C2 Datasheet HTML 30Page - Altera Corporation PLL2_C2 Datasheet HTML 31Page - Altera Corporation PLL2_C2 Datasheet HTML 32Page - Altera Corporation PLL2_C2 Datasheet HTML 33Page - Altera Corporation PLL2_C2 Datasheet HTML 34Page - Altera Corporation PLL2_C2 Datasheet HTML 35Page - Altera Corporation PLL2_C2 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 274 page
background image
2–6
Chapter 2: Logic Elements and Logic Array Blocks in the Cyclone III Device Family
LAB Control Signals
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Figure 2–5 shows the direct link connection.
LAB Control Signals
Each LAB contains dedicated logic for driving control signals to its LEs. The control
signals include:
■
Two clocks
■
Two clock enables
■
Two asynchronous clears
■
One synchronous clear
■
One synchronous load
You can use up to eight control signals at a time. Register packing and synchronous
load cannot be used simultaneously.
Each LAB can have up to four non-global control signals. You can use additional LAB
control signals as long as they are global signals.
Synchronous clear and load signals are useful for implementing counters and other
functions. The synchronous clear and synchronous load signals are LAB-wide signals
that affect all registers in the LAB.
Each LAB can use two clocks and two clock enable signals. The clock and clock enable
signals of each LAB are linked. For example, any LE in a particular LAB using the
labclk1
signal also uses the labclkena1. If the LAB uses both the rising and falling
edges of a clock, it also uses both LAB-wide clock signals. Deasserting the clock
enable signal turns off the LAB-wide clock.
The LAB row clocks [5..0] and LAB local interconnect generate the LAB-wide
control signals. The MultiTrack interconnect inherent low skew allows clock and
control signal distribution in addition to data distribution.
Figure 2–5. Cyclone III Device Family Direct Link Connection
LAB
Direct link
interconnect
to right
Direct link interconnect from
right LAB, M9K memory
block, embedded multiplier,
PLL, or IOE output
Direct link interconnect from
left LAB, M9K memory
block, embedded multiplier,
PLL, or IOE output
Local
Interconnect
Direct link
interconnect
to left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com