Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 49 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 49 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 45Page - Altera Corporation PLL2_C2 Datasheet HTML 46Page - Altera Corporation PLL2_C2 Datasheet HTML 47Page - Altera Corporation PLL2_C2 Datasheet HTML 48Page - Altera Corporation PLL2_C2 Datasheet HTML 49Page - Altera Corporation PLL2_C2 Datasheet HTML 50Page - Altera Corporation PLL2_C2 Datasheet HTML 51Page - Altera Corporation PLL2_C2 Datasheet HTML 52Page - Altera Corporation PLL2_C2 Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 274 page
background image
Chapter 3: Memory Blocks in the Cyclone III Device Family
3–15
Design Considerations
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Read or Write Clock Mode
Cyclone III device family M9K memory blocks can implement read or write clock
mode for FIFO and simple dual-port memories. In this mode, a write clock controls
the data inputs, write address, and wren registers. Similarly, a read clock controls the
data outputs, read address, and rden registers. M9K memory blocks support
independent clock enables for both the read and write clocks.
When using read or write mode, if you perform a simultaneous read or write to the
same address location, the output read data is unknown. If you require the output
data to be a known value, use either single-clock mode, input clock mode, or output
clock mode and choose the appropriate read-during-write behavior in the
MegaWizard Plug-In Manager.
Single-Clock Mode
Cyclone III device family M9K memory blocks can implement single-clock mode for
FIFO, ROM, true dual-port, simple dual-port, and single-port memories. In this mode,
you can control all registers of the M9K memory block with a single clock together
with clock enable.
Design Considerations
This section describes designing with M9K memory blocks.
Read-During-Write Operations
“Same-Port Read-During-Write Mode” on page 3–16 and “Mixed-Port Read-During-
Write Mode” on page 3–16 describe the functionality of the various RAM
configurations when reading from an address during a write operation at that same
address.
There are two read-during-write data flows: same-port and mixed-port. Figure 3–14
shows the difference between these flows.
Figure 3–14. Cyclone III Device Family Read-During-Write Data Flow
Port A
data in
Port B
data in
Port A
data out
Port B
data out
Mixed-port
data flow
Same-port
data flow
write_a
read_a
read_b
write_b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com