Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 125 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 125 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 121Page - Altera Corporation PLL2_C2 Datasheet HTML 122Page - Altera Corporation PLL2_C2 Datasheet HTML 123Page - Altera Corporation PLL2_C2 Datasheet HTML 124Page - Altera Corporation PLL2_C2 Datasheet HTML 125Page - Altera Corporation PLL2_C2 Datasheet HTML 126Page - Altera Corporation PLL2_C2 Datasheet HTML 127Page - Altera Corporation PLL2_C2 Datasheet HTML 128Page - Altera Corporation PLL2_C2 Datasheet HTML 129Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–3
High-Speed I/O Interface
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 7–1 lists which I/O bank supports these I/O standards in the Cyclone III device
family.
You can use I/O pins and internal logic to implement a high-speed differential
interface in the Cyclone III device family. The Cyclone III device family does not
contain dedicated serialization or deserialization circuitry. Therefore, shift registers,
internal phase-locked loops (PLLs), and I/O cells are used to perform
serial-to-parallel conversions on incoming data and parallel-to-serial conversion on
outgoing data. The differential interface data serializers and deserializers (SERDES)
are automatically constructed in the core logic elements (LEs) with the Quartus® II
software ALTLVDS megafunction.
Table 7–1. Differential I/O Standards Supported in Cyclone III Device Family I/O Banks
Differential I/O Standards
I/O Bank Location
External Resistor
Network at
Transmitter
Transmitter (TX)
Receiver (RX)
LVDS
1,2,5,6
Not Required
Yes
Yes
All
Three Resistors
RSDS
1,2,5,6
Not Required
Yes
Not
Supported
3, 4, 7, 8
Three Resistors
All
Single Resistor
mini-LVDS
1,2,5,6
Not Required
Yes
Not
Supported
All
Three Resistors
PPDS
1,2,5,6
Not Required
Yes
Not
Supported
All
Three Resistors
BLVDS (1)
All
Single Resistor
Yes
Yes
LVPECL (2)
All
NA
Not
Supported
Yes
Differential SSTL-2 (3)
All
NA
Yes
Yes
Differential SSTL-18 (3)
All
NA
Yes
Yes
Differential HSTL-18 (3)
All
NA
Yes
Yes
Differential HSTL-15 (3)
All
NA
Yes
Yes
Differential HSTL-12 (3)
All
NA
Yes
Yes
Notes to Table 7–1:
(1) Transmitter and Receiver FMAX depend on system topology and performance requirement.
(2) The LVPECL I/O standard is only supported on dedicated clock input pins.
(3) The differential SSTL-2, SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards are only supported on clock input pins and PLL output clock
pins. PLL output clock pins do not support Class II interface type of differential SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com