Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 130 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 130 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 126Page - Altera Corporation PLL2_C2 Datasheet HTML 127Page - Altera Corporation PLL2_C2 Datasheet HTML 128Page - Altera Corporation PLL2_C2 Datasheet HTML 129Page - Altera Corporation PLL2_C2 Datasheet HTML 130Page - Altera Corporation PLL2_C2 Datasheet HTML 131Page - Altera Corporation PLL2_C2 Datasheet HTML 132Page - Altera Corporation PLL2_C2 Datasheet HTML 133Page - Altera Corporation PLL2_C2 Datasheet HTML 134Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 274 page
background image
7–8
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
High-Speed I/O Standards Support
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Designing with LVDS
Cyclone III device family I/O banks support LVDS I/O standard. The left and right
I/O banks support true LVDS transmitters. On the top and bottom I/O banks, the
emulated LVDS transmitters are supported using two single-ended output buffers
with external resistors. One of the single-ended output buffers is programmed to have
opposite polarity. The LVDS receiver requires an external 100- termination resistor
between the two signals at the input buffer.
Figure 7–2 shows a point-to-point LVDS interface using Cyclone III device family true
LVDS output and input buffers.
Figure 7–3 shows a point-to-point LVDS interface with Cyclone III device family
LVDS using two single-ended output buffers and external resistors.
BLVDS I/O Standard Support in the Cyclone III Device Family
The BLVDS I/O standard is a high-speed differential data transmission technology
that extends the benefits of standard point-to-point LVDS to multipoint configuration
that supports bidirectional half-duplex communication. BLVDS differs from standard
LVDS by providing a higher drive to achieve similar signal swings at the receiver
while loaded with two terminations at both ends of the bus.
Figure 7–2. Cyclone III Device Family LVDS Interface with True Output Buffer on the Left and Right I/O Banks
Transmitting Device
Cyclone III Device Family
100
Ω
Cyclone III
Device
Family Logic
Array
100
Ω
Input Buffer
Output Buffer
Receiving Device
txout +
txout -
rxin +
rxin -
txout +
txout -
rxin +
rxin -
50
Ω
50
Ω
50
Ω
50
Ω
Figure 7–3. LVDS Interface with External Resistor Network on the Top and Bottom I/O Banks (1)
Note to Figure 7–3:
(1) R
S = 120  ; RP =170 
LVDS Receiver
100
Ω
50
Ω
Cyclone III Device Family
Resistor Network
Emulated
LVDS Transmitter
RS
RP
RS
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com