Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 166 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 166 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 162Page - Altera Corporation PLL2_C2 Datasheet HTML 163Page - Altera Corporation PLL2_C2 Datasheet HTML 164Page - Altera Corporation PLL2_C2 Datasheet HTML 165Page - Altera Corporation PLL2_C2 Datasheet HTML 166Page - Altera Corporation PLL2_C2 Datasheet HTML 167Page - Altera Corporation PLL2_C2 Datasheet HTML 168Page - Altera Corporation PLL2_C2 Datasheet HTML 169Page - Altera Corporation PLL2_C2 Datasheet HTML 170Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 274 page
background image
9–8
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
The output resistance of the repeater buffers must fit the maximum overshoot
equation shown in Equation 9–1:
Configuration Process
This section describes the configuration process.
f For more information about the configuration cycle state machine of AlteraFPGAs,
refer to the Configuring Altera FPGAs chapter in volume 1 of the Configuration
Handbook.
Power Up
If the device is powered up from the power-down state, the VCCIO for all the I/O
banks must be powered up to the appropriate level for the device to exit POR.
To begin configuration, the required voltages listed in Table 9–4 must be powered up
to the appropriate voltage levels.
Reset
When nCONFIG or nSTATUS is low, the device is in reset. After power-up, the Cyclone III
device family goes through POR. POR delay depends on the MSEL pin settings,
which correspond to your configuration scheme.
Depending on the configuration scheme, a fast or standard POR time is available.
POR time for fast POR ranges between 3–9 ms. POR time for standard POR, which
has a lower power-ramp rate, ranges between 50–200 ms.
During POR, the device resets, holds nSTATUS and CONF_DONE low, and tri-states all
user I/O pins.
1 The configuration bus is not tri-stated in POR stage if the MSEL pins are set to AS or AP
mode. To tri-state the configuration bus for AS and AP configuration schemes, you
must tie nCE high and nCONFIG low. For more information about the hardware
implementation, refer to “Configuring With Multiple Bus Masters” on page 9–30.
Equation 9–1. (1)
Note to Equation 9–1:
(1)
Z
O is the transmission line impedance and RE is the equivalent resistance of the output buffer.
0.8ZO RE 1.8ZO

Table 9–4. Power-Up Voltage for Cyclone III Device Family Configuration
Device
Voltage that must be Powered-Up (1)
Cyclone III
VCCINT, VCCA, VCCIO (2)
Cyclone III LS
VCCBAT, VCCINT, VCCA, VCCIO (2)
Notes to Table 9–4:
(1) Voltages must be powered up to the appropriate voltage levels to begin configuration.
(2) VCCIO is for banks in which the configuration and JTAG pins reside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com