Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 172 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 172 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 168Page - Altera Corporation PLL2_C2 Datasheet HTML 169Page - Altera Corporation PLL2_C2 Datasheet HTML 170Page - Altera Corporation PLL2_C2 Datasheet HTML 171Page - Altera Corporation PLL2_C2 Datasheet HTML 172Page - Altera Corporation PLL2_C2 Datasheet HTML 173Page - Altera Corporation PLL2_C2 Datasheet HTML 174Page - Altera Corporation PLL2_C2 Datasheet HTML 175Page - Altera Corporation PLL2_C2 Datasheet HTML 176Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 274 page
background image
9–14
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
In a single-device AS configuration, the maximum board loading and board trace
length between the supported serial configuration device and the Cyclone III device
family must follow the recommendations in Table 9–9 on page 9–20.
The DCLK generated by the Cyclone III device family controls the entire configuration
cycle and provides timing for the serial interface. Cyclone III device family uses a 40-
MHz internal oscillator to generate DCLK. There are some variations in the internal
oscillator frequency because of the process, voltage, and temperature conditions in
Cyclone III device family. The internal oscillator is designed to ensure that its
maximum frequency is guaranteed to meet the EPCS device specifications.
1 EPCS1 does not support Cyclone III device family because of its insufficient memory
capacity.
Table 9–8 lists the AS DCLK output frequency for Cyclone III device family.
In the AS configuration scheme, the serial configuration device latches input and
control signals on the rising edge of DCLK and drives out configuration data on the
falling edge. Cyclone III device family drives out control signals on the falling edge of
DCLK
and latch configuration data on the falling edge of DCLK.
In configuration mode, the Cyclone III device family enables the serial configuration
device by driving the nCSO output pin low, which connects to the nCS pin of the
configuration device. The Cyclone III device family uses the DCLK and DATA[1]pins to
send operation commands and read address signals to the serial configuration device.
The configuration device provides data on its DATA pin, which connects to the DATA[0]
input of the Cyclone III device family.
After all the configuration bits are received by the Cyclone III device family, it releases
the open-drain CONF_DONE pin, which is pulled high by an external 10-k resistor.
Initialization begins only after the CONF_DONE signal reaches a logic-high level. All AS
configuration pins (DATA[0], DCLK, nCSO, and DATA[1]) have weak internal pull-up
resistors that are always active. After configuration, these pins are set as input tri-
stated and are driven high by weak internal pull-up resistors. The CONF_DONE pin must
have an external 10-k pull-up resistor for the device to initialize.
The timing parameters for AS mode are not listed here because the tCF2CD, tCF2ST0, tCFG,
tSTATUS, tCF2ST1, and tCD2UM timing parameters are identical to the timing parameters
for PS mode listed in Table 9–13 on page 9–39.
Multi-Device AS Configuration
You can configure multiple Cyclone III device family using a single serial
configuration device. You can cascade multiple Cyclone III device family using the
chip-enable (nCE) and chip-enable-out (nCEO) pins. The first device in the chain must
have its nCE pin connected to GND. You must connect its nCEO pin to the nCE pin of the
next device in the chain. Use an external 10-k pull-up resistor to pull the nCEO signal
high to its VCCIO level to help the internal weak pull-up resistor. When the first device
Table 9–8. AS DCLK Output Frequency
Oscillator
Minimum
Typical
Maximum
Unit
40 MHz
20
30
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com