Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 192 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 192 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 188Page - Altera Corporation PLL2_C2 Datasheet HTML 189Page - Altera Corporation PLL2_C2 Datasheet HTML 190Page - Altera Corporation PLL2_C2 Datasheet HTML 191Page - Altera Corporation PLL2_C2 Datasheet HTML 192Page - Altera Corporation PLL2_C2 Datasheet HTML 193Page - Altera Corporation PLL2_C2 Datasheet HTML 194Page - Altera Corporation PLL2_C2 Datasheet HTML 195Page - Altera Corporation PLL2_C2 Datasheet HTML 196Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 274 page
background image
9–34
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
The default configuration boot addressing allows the system to use special parameter
blocks in the flash memory map. Parameter blocks are at the top or bottom of the
memory map. The configuration boot address in the AP configuration scheme is
shown in Figure 9–13. You can change the default configuration default boot address
0x010000
to any desired address using the APFC_BOOT_ADDR JTAG instruction. For
more information about the APFC_BOOT_ADDR JTAG instruction, refer to “JTAG
Instructions” on page 9–60.
PS Configuration
You can perform PS configuration on Cyclone III device family with an external
intelligent host, such as a MAX II device, microprocessor with flash memory, or a
download cable. In the PS scheme, an external host controls the configuration.
Configuration data is clocked into the target Cyclone III device family using the
DATA[0]
pin at each rising edge of DCLK.
If your system already contains a common flash interface (CFI) flash memory, you can
use it for the Cyclone III device family configuration storage as well. The MAX II PFL
feature provides an efficient method to program CFI flash memory devices through
the JTAG interface and provides the logic to control the configuration from the flash
memory device to the Cyclone III device family. Both PS and FPP configuration
schemes are supported using the PFL feature.
f For more information about the PFL, refer to Parallel Flash Loader Megafunction User
Guide.
1 Cyclone III device family does not support enhanced configuration devices for PS or
FPP configurations.
Figure 9–13. Configuration Boot Address in AP Flash Memory Map
Note to Figure 9–13:
(1) The default configuration boot address is x010000 when represented in 16-bit word addressing.
Other data/code
Configuration
Data
Configuration
Data
128-Kb
parameter area
x000000
Other data/code
Other data/code
x010000 (1)
x00FFF
x000000
128-Kb
parameter area
Bottom Parameter Flash Memory
Top Parameter Flash Memory
16-bit word
bit[15]
bit[0]
16-bit word
bit[15]
Cyclone III
Default
Boot
Address
x010000 (1)
x00FFF
Cyclone III
Default
Boot
Address
bit[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com