Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 204 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 204 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 200Page - Altera Corporation PLL2_C2 Datasheet HTML 201Page - Altera Corporation PLL2_C2 Datasheet HTML 202Page - Altera Corporation PLL2_C2 Datasheet HTML 203Page - Altera Corporation PLL2_C2 Datasheet HTML 204Page - Altera Corporation PLL2_C2 Datasheet HTML 205Page - Altera Corporation PLL2_C2 Datasheet HTML 206Page - Altera Corporation PLL2_C2 Datasheet HTML 207Page - Altera Corporation PLL2_C2 Datasheet HTML 208Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 274 page
background image
9–46
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Configuration Features
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
If a system has multiple devices that contain the same configuration data, tie all
device nCE inputs to GND and leave nCEO pins floating. All other configuration pins
(nCONFIG, nSTATUS, DCLK, DATA[7..0], and CONF_DONE) are connected to every device in
the chain. Configuration signals can require buffering to ensure signal integrity and
prevent clock skew problems. Ensure that the DCLK and DATA lines are buffered.
Devices must be of the same density and package. All devices start and complete
configuration at the same time.
Figure 9–22 shows multi-device FPP configuration when both Cyclone III device
family is receiving the same configuration data.
You can use a single configuration chain to configure Cyclone III device family with
other Altera devices that support the FPP configuration. To ensure that all devices in
the chain complete configuration at the same time or that an error flagged by one
device starts reconfiguration in all devices, tie all the device CONF_DONE and nSTATUS
pins together.
f For more information about configuring multiple Altera devices in the same
configuration chain, refer to the Configuring Mixed Altera FPGA Chains chapter in
volume 2 of the Configuration Handbook.
Figure 9–22. Multi-Device FPP Configuration Using an External Host When Both Devices Receive
the Same Data
Notes to Figure 9–22:
(1) The pull-up resistor must be connected to a supply that provides an acceptable input signal for all devices in the
chain. VCC must be high enough to meet the VIH specification of the I/O on the device and the external host.
(2) The nCEO pins of both devices are left unconnected or used as user I/O pins when configuring the same configuration
data into multiple devices.
(3) The MSEL pin settings vary for different configuration voltage standards and POR time. To connect MSEL[3..0],
refer to Table 9–7 on page 9–11. Connect the MSEL pins directly to VCCA or GND.
(4) All I/O inputs must maintain a maximum AC voltage of 4.1 V. DATA[7..0] and DCLK must fit the maximum overshoot
equation outlined in “Configuration and JTAG Pin I/O Requirements” on page 9–7.
External Host
(MAX II Device or
Microprocessor)
Memory
ADDR
Cyclone III Device Family 1
nSTATUS
CONF_DONE
nCE
nCEO
DATA[7..0]
GND
VCCIO (1) VCCIO (1)
MSEL[3..0]
DATA[7..0] (4)
nCONFIG
DCLK (4)
nSTATUS
CONF_DONE
nCE
nCEO
MSEL[3..0]
N.C. (2)
DATA[7..0] (4)
nCONFIG
DCLK (4)
Cyclone III Device Family 2
(3)
(3)
GND
N.C. (2)
Buffers (4)
10 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com