Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 249 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 249 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 245Page - Altera Corporation PLL2_C2 Datasheet HTML 246Page - Altera Corporation PLL2_C2 Datasheet HTML 247Page - Altera Corporation PLL2_C2 Datasheet HTML 248Page - Altera Corporation PLL2_C2 Datasheet HTML 249Page - Altera Corporation PLL2_C2 Datasheet HTML 250Page - Altera Corporation PLL2_C2 Datasheet HTML 251Page - Altera Corporation PLL2_C2 Datasheet HTML 252Page - Altera Corporation PLL2_C2 Datasheet HTML 253Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 274 page
background image
Chapter 10: Hot-Socketing and Power-On Reset in the Cyclone III Device Family
10–3
Hot-Socketing Feature Implementation
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 1
Hot-Socketing Feature Implementation
Each I/O pin has the circuitry shown in Figure 10–1. The hot-socketing circuit does
not include CONF_DONE, nCEO, and nSTATUS pins to ensure that they are able to operate
during configuration. Thus, it is expected behavior for these pins to drive out during
power up and power down sequences.
Figure 10–1 shows the hot-socketing circuit block diagram for Cyclone III device
family.
The POR circuit monitors the voltage level of power supplies and keeps the I/O pins
tristated until the device is in user mode. The weak pull-up resistor (R) in Cyclone III
device family I/O element (IOE) keeps the I/O pins from floating. The 3.3-V tolerance
control circuit permits the I/O pins to be driven by 3.3 V before VCCIO, VCC, and VCCA
supplies are powered up, and it prevents the I/O pins from driving out when the
device is not in user mode.
1 Altera uses GND as reference for hot-socketing operation and I/O buffer designs. To
ensure proper operation, Altera recommends connecting the GND between boards
before connecting the power supplies. This prevents the GND on your board from
being pulled up inadvertently by a path to power through other components on your
board. A pulled up GND can otherwise cause an out-of-specification I/O voltage or
current condition with the Altera® device.
POR Circuitry
Cyclone III device family contains POR circuitry to keep the device in a reset state
until the power supply voltage levels have stabilized during power up. During POR,
all user I/O pins are tristated until the VCC reaches the recommended operating
levels. In addition, the POR circuitry also ensures the VCCIO level of I/O banks 1, 6, 7,
and 8 that contains configuration pins reach an acceptable level before configuration
is triggered.
Figure 10–1. Hot-socketing Circuit Block Diagram for Cyclone III Device Family
Output Enable
V
CCIO
Hot Socket
Output
Pre-Driver
Voltage
Tolerance
Control
Power On
Reset
Monitor
Weak
Pull-Up
Resistor
PAD
Input Buffer
to Logic Array
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com