Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C2 Datasheet(PDF) 270 Page - Altera Corporation

Part # PLL2_C2
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C2 Datasheet(HTML) 270 Page - Altera Corporation

Back Button PLL2_C2 Datasheet HTML 266Page - Altera Corporation PLL2_C2 Datasheet HTML 267Page - Altera Corporation PLL2_C2 Datasheet HTML 268Page - Altera Corporation PLL2_C2 Datasheet HTML 269Page - Altera Corporation PLL2_C2 Datasheet HTML 270Page - Altera Corporation PLL2_C2 Datasheet HTML 271Page - Altera Corporation PLL2_C2 Datasheet HTML 272Page - Altera Corporation PLL2_C2 Datasheet HTML 273Page - Altera Corporation PLL2_C2 Datasheet HTML 274Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 270 / 274 page
background image
12–6
Chapter 12: IEEE 1149.1 (JTAG) Boundary-Scan Testing for the Cyclone III Device Family
Guidelines for IEEE Std. 1149.1 BST
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Figure 12–1 shows the JTAG chain of mixed voltages and how a level shifter is
inserted in the chain.
Guidelines for IEEE Std. 1149.1 BST
Use the following guidelines when performing BST with IEEE Std. 1149.1 devices:
■
If the 10 bit checkerboard pattern (1010101010) does not shift out of the instruction
register via the TDO pin during the first clock cycle of the SHIFT_IR state, the TAP
controller did not reach the proper state. To solve this problem, try one of the
following procedures:
■
Verify that the TAP controller has reached the SHIFT_IR state correctly. To
advance the TAP controller to the SHIFT_IR state, return to the RESET state and
send the code 01100 to the TMS pin.
■
Check the connections to the VCC, GND, JTAG, and dedicated configuration pins
on the device.
■
Perform a SAMPLE/PRELOAD test cycle prior to the first EXTEST test cycle to ensure
that known data is present at the device pins when you enter the EXTEST mode. If
the OEJ update register contains a 0, the data in the OUTJ update register is driven
out. The state must be known and correct to avoid contention with other devices in
the system.
■
Do not perform EXTEST testing during ICR. This instruction is supported before or
after ICR, but not during ICR. Use the CONFIG_IO instruction to interrupt
configuration and then perform testing, or wait for configuration to complete.
■
If testing is performed before configuration, hold the nCONFIG pin low.
Figure 12–1. JTAG Chain of Mixed Voltages
Tester
3.3 V
VCCIO
2.5 V
VCCIO
1.5 V
VCCIO
1.8 V
VCCIO
Level
Shifter
Shift TDO to
level accepted by
tester if necessary
Must be
1.8 V
tolerant
Must be
2.5 V
tolerant
Must be
3.3 V
tolerant
TDI
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com