Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 217 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 217 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 213Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 217Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 218Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 219Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 220Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 221Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 408 page
background image
Input/Output Ports (I/O)
Port C
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
Input/Output Ports (I/O)
217
16.5.2 Data Direction Register C
Data direction register C (DDRC) determines whether each port C pin is
an input or an output. Writing a logic 1 to a DDRC bit enables the output
buffer for the corresponding port C pin; a logic 0 disables the output
buffer.
DDRC1–DDRC0 — Data Direction Register C Bits
These read/write bits control port C data direction. Reset clears
DDRC1–DDRC0, configuring all port C pins as inputs.
1 = Corresponding port C pin configured as output
0 = Corresponding port C pin configured as input
NOTE:
Avoid glitches on port C pins by writing to the port C data register before
changing data direction register C bits from 0 to 1.
Figure 16-11 shows the port C I/O logic.
NOTE:
For those devices packaged in a 28-pin DIP and SOIC package, PTC1,0
are not connected. Set DDRC1,0 to a 1 to configure PTC1,0 as outputs.
Address:
$0006
Bit 7
654321
Bit 0
Read:
000000
DDRC1
DDRC0
Write:
Reset:
00000000
= Unimplemented
Figure 16-10. Data Direction Register C (DDRC)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com