Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 88 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 88 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 90Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 92Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 408 page
background image
Analog-to-Digital Converter (ADC)
Technical Data
MC68HC908GR8 — Rev 4.0
88
Analog-to-Digital Converter (ADC)
MOTOROLA
5.8.3 ADC Clock Register
The ADC clock register (ADCLK) selects the clock frequency for the
ADC.
ADIV2–ADIV0 — ADC Clock Prescaler Bits
ADIV2–ADIV0 form a 3-bit field which selects the divide ratio used by
the ADC to generate the internal ADC clock. Table 5-2 shows the
available clock configurations. The ADC clock should be set to
approximately 1 MHz.
ADICLK — ADC Input Clock Select Bit
ADICLK selects either the bus clock or CGMXCLK as the input clock
source to generate the internal ADC clock. Reset selects CGMXCLK
as the ADC clock source.
Address:
$0003E
Bit 7
654321
Bit 0
Read:
ADIV2
ADIV1
ADIV0
ADICLK
0000
Write:
Reset:
00000000
= Unimplemented
Figure 5-4. ADC Clock Register (ADCLK)
Table 5-2. ADC Clock Divide Ratio
ADIV2
ADIV1
ADIV0
ADC Clock Rate
0
0
0
ADC input clock
÷ 1
0
0
1
ADC input clock
÷ 2
0
1
0
ADC input clock
÷ 4
0
1
1
ADC input clock
÷ 8
1
X
X
ADC input clock
÷ 16
X = don’t care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com