Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC908GR4MP Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MC68HC908GR4MP
Description  M68HC08 Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68HC908GR4MP Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MC68HC908GR4MP Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68HC908GR4MP Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 408 page
background image
List of Figures
MC68HC908GR8 — Rev 4.0
Technical Data
MOTOROLA
List of Figures
23
22-2
TIM I/O Register Summary . . . . . . . . . . . . . . . . . . . . . . . . . . . 339
22-3
PWM Period and Pulse Width . . . . . . . . . . . . . . . . . . . . . . . . 343
22-4
TIM Status and Control Register (TSC) . . . . . . . . . . . . . . . . . 349
22-5
TIM Counter Registers High (TCNTH) . . . . . . . . . . . . . . . . . . 352
22-6
TIM Counter Registers Low (TCNTL) . . . . . . . . . . . . . . . . . . . 352
22-7
TIM Counter Modulo Register High (TMODH) . . . . . . . . . . . .353
22-8
TIM Counter Modulo Register Low (TMODL) . . . . . . . . . . . . . 353
22-9
TIM Counter Register High (TCNTH) . . . . . . . . . . . . . . . . . . . 354
22-10 TIM Counter Register Low (TCNTL). . . . . . . . . . . . . . . . . . . . 354
22-11 TIM Channel 0 Status and Control Register (TSC0) . . . . . . . 355
22-12 TIM Channel 1 Status and Control Register (TSC1) . . . . . . . 355
22-13 CHxMAX Latency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 359
22-14 TIM Channel 0 Register High (TCH0H) . . . . . . . . . . . . . . . . . 360
22-15 TIM Channel 0 Register Low (TCH0L) . . . . . . . . . . . . . . . . . . 360
22-16 TIM Channel 1 Register High (TCH1H) . . . . . . . . . . . . . . . . . 360
22-17 TIM Channel 1 Register Low (TCH1L) . . . . . . . . . . . . . . . . . . 360
23-1
Typical High-Side Driver Characteristics –
Port PTA3–PTA0 (VDD = 4.5 Vdc) . . . . . . . . . . . . . . . . . . . . .370
23-2
Typical High-Side Driver Characteristics –
Port PTA3–PTA0 (VDD = 2.7 Vdc) . . . . . . . . . . . . . . . . . . . . .370
23-3
Typical High-Side Driver Characteristics –
Port PTC1–PTC0 (VDD = 4.5 Vdc) . . . . . . . . . . . . . . . . . . . . .371
23-4
Typical High-Side Driver Characteristics –
Port PTC1–PTC0 (VDD = 2.7 Vdc) . . . . . . . . . . . . . . . . . . . . .371
23-5
Typical High-Side Driver Characteristics – Ports PTB5–PTB0,
PTD6–PTD0, and PTE1–PTE0 (VDD = 5.5 Vdc) . . . . . . . . . .372
23-6
Typical High-Side Driver Characteristics – Ports PTB5–PTB0,
PTD6–PTD0, and PTE1–PTE0 (VDD = 2.7 Vdc) . . . . . . . . . .372
23-7
Typical Low-Side Driver Characteristics –
Port PTA3–PTA0 (VDD = 5.5 Vdc) . . . . . . . . . . . . . . . . . . . . .373
23-8
Typical Low-Side Driver Characteristics –
Port PTA3–PTA0 (VDD = 2.7 Vdc) . . . . . . . . . . . . . . . . . . . . .373
23-9
Typical Low-Side Driver Characteristics –
Port PTC1–PTC0 (VDD = 4.5 Vdc) . . . . . . . . . . . . . . . . . . . . .374
23-10 Typical Low-Side Driver Characteristics –
Port PTC1–PTC0 (VDD = 2.7 Vdc) . . . . . . . . . . . . . . . . . . . . .374
23-11 Typical Low-Side Driver Characteristics – Ports PTB5–PTB0,
PTD6–PTD0, and PTE1–PTE0 (VDD = 5.5 Vdc) . . . . . . . . . .375
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com